Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF3455XT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGSF3455XT1
Description  Small-Signal MOSFETs Single P-Channel Field Effect Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF3455XT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MGSF3455XT1 Datasheet HTML 1Page - ON Semiconductor MGSF3455XT1 Datasheet HTML 2Page - ON Semiconductor MGSF3455XT1 Datasheet HTML 3Page - ON Semiconductor MGSF3455XT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 2
1
Publication Order Number:
MGSF3455XT1/D
MGSF3455XT1
Preliminary Information
Low RDS(on) Small-Signal
MOSFETs Single P-Channel
Field Effect Transistors
These miniature surface mount MOSFETs utilize the High
Cell Density, HDTMOS process. Low rDS(on) assures
minimal power loss and conserves energy, making this
device ideal for use in small power management circuitry.
Typical applications are dc−dc converters, power
management in portable and battery−powered products such
as computers, printers, PCMCIA cards, cellular and cordless
telephones.
Low rDS(on) Provides Higher Efficiency and Extends Battery Life
Miniature TSOP 6 Surface Mount Package Saves Board Space
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Gate−to−Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 255C
Drain Current — Pulsed Drain Current (tp 3 10 ms)
ID
IDM
1.45
10
A
Total Power Dissipation @ TA = 255C
PD
400
mW
Operating and Storage Temperature Range
TJ, Tstg
− 55 to 150
°C
Thermal Resistance — Junction−to−Ambient
RθJA
300
°C/W
Maximum Lead Temperature for Soldering Purposes, for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MGSF3455XT1
7″
8 mm embossed tape
3000
MGSF3455XT3
13″
8 mm embossed tape
10,000
http://onsemi.com
P−CHANNEL
ENHANCEMENT−MODE
MOSFET
RDS(on) = 80 mW (TYP)
CASE 318G−02, Style 1
TSOP 6 PLASTIC
D
D
D
G
D
S
DRAIN
3
GATE
SOURCE
4
6
5
2
1


Similar Part No. - MGSF3455XT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGSF3455XT1 MOTOROLA-MGSF3455XT1 Datasheet
85Kb / 4P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results

Similar Description - MGSF3455XT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442XT1 ONSEMI-MGSF3442XT1 Datasheet
129Kb / 4P
   Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 2
MGSF3454XT1 ONSEMI-MGSF3454XT1 Datasheet
156Kb / 6P
   Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 1
logo
Motorola, Inc
MMBF2201PT1 MOTOROLA-MMBF2201PT1 Datasheet
132Kb / 6P
   LOW RDS SMALL SIGNAL MOSFETS TMOS SINGLE P CHANNEL FIELD EFFECT TRANSISTORS
MGSF3441XT1 MOTOROLA-MGSF3441XT1 Datasheet
94Kb / 4P
   Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
MGSF3441VT1 MOTOROLA-MGSF3441VT1 Datasheet
102Kb / 6P
   TMOS Single P-channel Field Effect Transistors
logo
NXP Semiconductors
J174 PHILIPS-J174 Datasheet
33Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
ON Semiconductor
MMDF4207 ONSEMI-MMDF4207 Datasheet
211Kb / 11P
   Dual P-Channel Field Effect Transistors
May, 2013 ??Rev. 3
logo
New Jersey Semi-Conduct...
J174 NJSEMI-J174 Datasheet
80Kb / 1P
   P-channel silicon field-effect transistors
2N3993 NJSEMI-2N3993 Datasheet
136Kb / 1P
   P-CHANNEL JINCTION FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
PMBFJ174 PHILIPS-PMBFJ174 Datasheet
34Kb / 6P
   P-channel silicon field-effect transistors
April 1995
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com