Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81252MNTXG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP81252MNTXG
Description  Single-Phase Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81252MNTXG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP81252MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP81252
www.onsemi.com
6
Table 3. ELECTRICAL CHARACTERISTICS (VIN = 12 V, VCC = VCCP = 5 V, VOUT = 1.0 V, typical values are referenced to TJ =
25
°C, Min and Max values are referenced to TJ from −40°C to 125°C. unless otherwise noted.)
Characteristics
Test Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Supply Voltage VIN Range
(Note 5)
VIN
12
V
Supply Voltage VCC Range
(Note 5)
VCC
4.75
5
5.25
V
Supply Voltage VCCP Range
(Note 5)
VCCP
4.75
5
5.25
V
SUPPLY VOLTAGE MONITOR
VIN UVLO
Falling Threshold
VINUV−
3.0
3.25
3.5
V
Hysteresis
VINHYS
650
mV
VCC UVLO
Falling Threshold
VCCUV−
3.8
4.08
V
Rising Threshold
VCCUV+
4.34
4.5
V
Hysteresis
VCCHYS
260
mV
SUPPLY CURRENT
VIN Quiescent Supply Current
(Power MOSFETs)
EN high, no load, PS0,1,2 Modes
EN high, no load, PS3 Mode
EN high, PS4 Mode (Note 6)
IQ
1.5
1.5
3
3
1
mA
mA
mA
VIN Shutdown Current
EN low (Note 6)
ISD
1
mA
VCC Quiescent Supply Current
(Controller)
EN high, no load, PS0,1,2 Modes
EN high, no load, PS3 Mode
EN high, PS4 Mode (Note 6)
IQCC
8.0
7.5
170
12
12
194
mA
mA
mA
VCC Shutdown Current
EN low (Note 6)
ISDCC
100
mA
VCCP Quiescent Supply Current
(Gate Driver)
EN high, no load, PS0,1,2 Modes
EN high, no load, PS3 Mode
EN high, PS4 Mode
IQCCP
0.7
0.7
1.25
1.25
2
mA
mA
mA
VCCP Shutdown Current
EN low
ISDCCP
2
mA
OUTPUT VOLTAGE
Output Voltage Range
(Note 5)
VOUT
0
2.3
V
REGULATION ACCURACY
System Voltage Accuracy
0.25 V < DAC < 0.8 V
0.8 V < DAC < 1.0 V
1.0 V < DAC < 1.52 V
−8
−10
−0.9
+8
+10
+0.9
mV
mV
%
DVID
Fast Slew Rate
Default
FSR
14
mV/
ms
Soft Start Slew Rate
SSSR
FSR/4
mV/
ms
Slow Slew Rate
SSR
FSR/2
FSR/4
(default)
FSR/8
FSR/16
mV/
ms
DIFFERENTIAL VOLTAGE−SENSE AMPLIFIER
DC Gain
VSP−VSN = 0.5 V to 2.3 V
GAIN_DVA
1.0
V/V
−3 dB Gain Bandwidth
CL = 20 pF to GND, RL = 10 k
W to
GND (Note 5)
BW_DVA
10
MHz
VSP Input Voltage Range
(Note 5)
VSP
−0.3
3.0
V
VSN Input Voltage Range
(Note 5)
VSN
−0.3
0.3
V
Input Bias Current
VSP,CSREF = 1.3 V
IVSP
IVSN
−15
−100
15
100
mA
nA
5. Guaranteed by design, not tested in production.
6. TJ = 25°C.


Similar Part No. - NCP81252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81253 ONSEMI-NCP81253 Datasheet
91Kb / 10P
   5 V MOSFET Driver Compatible
December, 2014 ??Rev. 0
More results

Similar Description - NCP81252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
ON Semiconductor
NCP81568 ONSEMI-NCP81568 Datasheet
257Kb / 17P
   Single‐Phase Voltage Regulator with SVID Interface for Computing Applications
July, 2023 - Rev. 0
NCP81149 ONSEMI-NCP81149 Datasheet
389Kb / 18P
   Single-Phase Voltage Regulator with SVID Interface for Computing Applications
September, 2015 - Rev. 3
logo
STMicroelectronics
PM6652 STMICROELECTRONICS-PM6652 Datasheet
1Mb / 53P
   Single-phase controller for Intel MVP 6.5 render voltage regulator,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com