Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81252MNTXG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP81252MNTXG
Description  Single-Phase Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81252MNTXG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP81252MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 10Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 11Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 12Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 13Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 14Page - ON Semiconductor NCP81252MNTXG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP81252
www.onsemi.com
11
DETAILED DESCRIPTION
General
The NCP81252, a single−phase synchronous buck
regulator, integrates power MOSFETs to provide a
high−efficiency and compact−footprint power management
solution for new generation computing CPUs. The device is
able to deliver up to 14 A TDC output current on an
adjustable output with SVID interface. Operating in high
switching frequency up to 1.2 MHz allows employing small
size inductors and capacitors while maintaining high
efficiency due to integrated solution with high performance
power MOSFETs. Current−mode RPM control with
feedforward from both input power supply and output
voltage ensures stable operation over wide operation
condition.
Current−Mode RPM Operation
The
NCP81252
operates
with
the
current−mode
Ramp−Pulse−Modulation (RPM) scheme in PS0/1/2/3
operation modes. In forced CCM mode, the inductor current
is always continuous and the device operates in quasi−fixed
switching frequency, which has a typical value programmed
by users through a resistor at pin FREQ. In auto CCM/DCM
mode, the inductor current is continuous and the device
operates in quasi−fixed switching frequency in medium and
heavy load range, while the inductor current becomes
discontinuous and the device automatically operates in PFM
mode with an adaptive fixed on time and variable switching
frequency in light load range.
Serial VID interface (SVID)
The NCP81252 supports Intel serial VID interface. It
communicates with the microprocessor through three wires
(SCLK, SDIO, ALERT#). For NCP81252, VID code
change rate is controlled by the SVID interface with three
options. Information regarding SVID interface can be
obtained from Intel.
Boot Voltage and SVID Address
Table 5 shows two boot voltage options of 0.9 V and
1.35 V programmed by an external 1% resistor Rvboot from
Vboot pin to GND, which programs SVID address as well.
Both values are set on power up and cannot be changed after
the initial power up sequence is complete.
Table 5. BOOT VOLTAGE AND SVID ADDRESS CONFIGURATION
Rvboot
(
W)
Vboot Pin Voltage (mV)
Address
Vboot
(V)
Min
Typ
Max
0
0
0
102
0x0
0.9
14
.0k
102
140
180
0x1
0.9
22.1
k
180
219
258
0x2
0.9
30.1
k
258
301
344
0x3
0.9
39.2
k
344
391
438
0x4
0.9
48.7
k
438
484
531
0x5
0.9
57.6
k
531
578
625
0x6
0.9
68.1
k
625
676
727
0x7
0.9
78.7
k
727
781
836
0x8
0.9
88.7
k
836
894
953
0x0
1.35
100
k
953
1007
1062
0x1
1.35
113
k
1062
1125
1188
0x2
1.35
124
k
1188
1250
1312
0x3
1.35
137
k
1312
1378
1445
0x4
1.35
150
k
1445
1511
1578
0x5
1.35
165
k
1578
1648
1719
0x6
1.35
178
k
1719
1789
1859
0x7
1.35
196
k
1859
1950
0x8
1.35


Similar Part No. - NCP81252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81253 ONSEMI-NCP81253 Datasheet
91Kb / 10P
   5 V MOSFET Driver Compatible
December, 2014 ??Rev. 0
More results

Similar Description - NCP81252MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
ON Semiconductor
NCP81568 ONSEMI-NCP81568 Datasheet
257Kb / 17P
   Single‐Phase Voltage Regulator with SVID Interface for Computing Applications
July, 2023 - Rev. 0
NCP81149 ONSEMI-NCP81149 Datasheet
389Kb / 18P
   Single-Phase Voltage Regulator with SVID Interface for Computing Applications
September, 2015 - Rev. 3
logo
STMicroelectronics
PM6652 STMICROELECTRONICS-PM6652 Datasheet
1Mb / 53P
   Single-phase controller for Intel MVP 6.5 render voltage regulator,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com