Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV890430 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV890430
Description  Duty Cycle Step-Down Synchronous Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890430 Datasheet(HTML) 8 Page - ON Semiconductor

  NCV890430 Datasheet HTML 1Page - ON Semiconductor NCV890430 Datasheet HTML 2Page - ON Semiconductor NCV890430 Datasheet HTML 3Page - ON Semiconductor NCV890430 Datasheet HTML 4Page - ON Semiconductor NCV890430 Datasheet HTML 5Page - ON Semiconductor NCV890430 Datasheet HTML 6Page - ON Semiconductor NCV890430 Datasheet HTML 7Page - ON Semiconductor NCV890430 Datasheet HTML 8Page - ON Semiconductor NCV890430 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCV890430
www.onsemi.com
8
RESET Function
The RSTB pin is pulled low when the output voltage falls
below 8% of the nominal regulation level, and floats when
the output is properly regulated. A pull-up resistor tied to the
output is needed to generate a logic high signal on this
open-drain pin. The pin can be left unconnected when not
used.
When the output voltage drops out of regulation, the pin
goes low after a short noise-filtering delay (KRES_FILT). It
stays low for a delay time (adjustable) after the output goes
back
to
regulation,
simplifying
the
connection
to
a micro-controller.
The RSTB signal can either be used as a reset with delay
or a power good (no delay). The delay is determined by the
current into the RSTB pin, set by a resistor, as shown in
Figure 7.
Use the following equation to determine the ideal reset
delay time using currents less than 500
mA:
t
delay +
2500
I
RSTB
(eq. 1)
where: tdelay is the ideal reset delay time [ms]
IRSTB is the current into the RSTB pin [
mA]
Using IRSTB = 1 mA removes the delay and allows the
reset to act as a “power good” pin.
Figure 7. Reset with Adjustable Delay
on a Single Pin
VOUT
RST
RSTB
RRSTB
The RSTB resistor is commonly tied to VOUT.
Depending on the output voltage option, typical delay times
can be achieved with the following resistor values:
Table 4. TYPICAL DELAY TIMES
RRSTB (kW)
tdelay (ms) − 5 V
tdelay (ms) − 3.3 V
tdelay (ms) − 2.5 V
5
5
10
5
7.6
10
20
10
15
20
30
15
23
50
25
Enable
The NCV890430 is designed to accept either a logic-level
signal or battery voltage as an Enable signal. However, if
voltages above 40 V are expected, EN should be tied to VIN
through a 10 k
W resistor in order to limit the current flowing
into the overvoltage protection of the pin.
A low signal on Enable induces a shutdown mode which
shuts off the regulator and minimizes its supply current to
less than 5
mA by disabling all functions.
Once the switching regulator output is enabled, a soft-start
is always initiated.
Thermal Shutdown
A thermal shutdown circuit inhibits switching and resets
the soft-start circuit if internal temperature exceeds a safe
level. Switching is automatically restored when temperature
returns to a safe level.
Exposed Pad
The exposed pad (EPAD) on the back of the package must
be electrically connected to both the analog and the power
electrical ground GND and PGND pins for proper,
noise-free operation. It is recommended to connect these 2
pins directly to the EPAD with a PCB trace.
DEVICE ORDERING INFORMATION
Device
Output
Marking
Package
Shipping
NCV890430MW50TXG
5.0 V
TBD
DFN8
(Pb−Free)
TBD / Tape & Reel
NCV890430MW33TXG
3.3 V
TBD
NCV890430MW25TXG
2.5 V
TBD
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV890430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430MW25TXG ONSEMI-NCV890430MW25TXG Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
NCV890430MW33TXG ONSEMI-NCV890430MW33TXG Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
NCV890430MW50TXG ONSEMI-NCV890430MW50TXG Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
NCV890430 ONSEMI-NCV890430_16 Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
More results

Similar Description - NCV890430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430_16 Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com