Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV17SZ08DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLV17SZ08DFT2G
Description  Single 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV17SZ08DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLV17SZ08DFT2G Datasheet HTML 1Page - ON Semiconductor NLV17SZ08DFT2G Datasheet HTML 2Page - ON Semiconductor NLV17SZ08DFT2G Datasheet HTML 3Page - ON Semiconductor NLV17SZ08DFT2G Datasheet HTML 4Page - ON Semiconductor NLV17SZ08DFT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NLV17SZ08
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−55
5C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
2.0
6.3
12
2.0
12.7
ns
RL = 1 MW, CL = 15 pF
1.8
2.0
6.2
10
2.0
10.5
RL = 1 MW, CL = 15 pF
2.5
± 0.2
0.8
3.4
7.0
0.8
7.5
RL = 1 MW, CL = 15 pF
3.3
± 0.3
0.5
2.6
4.7
0.5
5.0
RL = 500 W, CL = 50 pF
1.5
3.3
5.2
1.5
5.5
RL = 1 MW, CL = 15 pF
5.0
± 0.5
0.5
2.2
4.1
0.5
4.4
RL = 500 W, CL = 50 pF
0.8
2.7
4.5
0.8
4.8
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4.0
pF
CPD
Power Dissipation Capacitance
(Note 6)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
30
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 3. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
90%
50%
10%
INPUT
A and B
tf = 3 ns
90%
50%
10%
OUTPUT
VCC
tPLH
tPHL
50%
50%
VOH
VOL
OUTPUT Y
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Tape and Reel Size
NLV17SZ08DFT2G*
SC−88A/SC−70−5/SOT−353
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NLV17SZ08DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV17SZ08DFT2G ONSEMI-NLV17SZ08DFT2G Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
More results

Similar Description - NLV17SZ08DFT2G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com