Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV17SZ16DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLV17SZ16DFT2G
Description  Single Input Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV17SZ16DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLV17SZ16DFT2G Datasheet HTML 1Page - ON Semiconductor NLV17SZ16DFT2G Datasheet HTML 2Page - ON Semiconductor NLV17SZ16DFT2G Datasheet HTML 3Page - ON Semiconductor NLV17SZ16DFT2G Datasheet HTML 4Page - ON Semiconductor NLV17SZ16DFT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NLV17SZ16
www.onsemi.com
4
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4
pF
CPD
Power Dissipation Capacitance
(Note 7)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
25
30
pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 4. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 5. Test Circuit
tf = 3 ns
VCC
GND
VOL
VOH
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
NLV17SZ16DFT2G
SC−88A/SC−70−5/SOT−353
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLV17SZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV17SZ16DFT2G ONSEMI-NLV17SZ16DFT2G Datasheet
188Kb / 13P
   Single Input Buffer
November, 2018 ??Rev. 12
NLV17SZ16DFT2G ONSEMI-NLV17SZ16DFT2G Datasheet
158Kb / 13P
   Single Input Buffer
April, 2022 - Rev. 14
More results

Similar Description - NLV17SZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ16 ONSEMI-NL17SZ16_V01 Datasheet
158Kb / 13P
   Single Input Buffer
April, 2022 - Rev. 14
NL17SZ16 ONSEMI-NL17SZ16_18 Datasheet
188Kb / 13P
   Single Input Buffer
November, 2018 ??Rev. 12
NL17SZ16 ONSEMI-NL17SZ16_12 Datasheet
105Kb / 6P
   Single Input Buffer
April, 2012 ??Rev. 10
NL17SZ16 ONSEMI-NL17SZ16 Datasheet
57Kb / 6P
   Single Input Buffer
January, 2005 ??Rev. 5
NL17SZ16 ONSEMI-NL17SZ16_15 Datasheet
76Kb / 6P
   Single Input Buffer
November, 2015 ??Rev. 11
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX Datasheet
696Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17_05 Datasheet
303Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17_11 Datasheet
696Kb / 9P
   TinyLogic짰 ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17 Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17 ONSEMI-NC7SP17 Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com