Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLVVHC1GU04DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLVVHC1GU04DFT2G
Description  Single Unbuffered Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLVVHC1GU04DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLVVHC1GU04DFT2G Datasheet HTML 1Page - ON Semiconductor NLVVHC1GU04DFT2G Datasheet HTML 2Page - ON Semiconductor NLVVHC1GU04DFT2G Datasheet HTML 3Page - ON Semiconductor NLVVHC1GU04DFT2G Datasheet HTML 4Page - ON Semiconductor NLVVHC1GU04DFT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NLVVHC1GU04
www.onsemi.com
4
VCC
GND
50% VCC
A
Y
tPLH
tPHL
VOH
VOL
50% VCC
Figure 4. Switching Waveforms
Figure 5. Test Circuit
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for propagation delay tests.
CL*
INPUT
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
NLVVHC1GU04DFT2G
SC70−5/SC−88A/SOT−353
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLVVHC1GU04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLVVHC1GU04DFT2G ONSEMI-NLVVHC1GU04DFT2G Datasheet
79Kb / 6P
   Single Unbuffered Inverter
October, 2016 ??Rev. 20
NLVVHC1GU04DFT2G ONSEMI-NLVVHC1GU04DFT2G Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results

Similar Description - NLVVHC1GU04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
   Single Unbuffered Inverter
January, 2005 ??Rev. 8
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
logo
ON Semiconductor
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
   Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com