Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS3005NZTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSS3005NZTAG
Description  N-Channel MOSFET Small Signal BJT and MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS3005NZTAG Datasheet(HTML) 3 Page - ON Semiconductor

  NSS3005NZTAG Datasheet HTML 1Page - ON Semiconductor NSS3005NZTAG Datasheet HTML 2Page - ON Semiconductor NSS3005NZTAG Datasheet HTML 3Page - ON Semiconductor NSS3005NZTAG Datasheet HTML 4Page - ON Semiconductor NSS3005NZTAG Datasheet HTML 5Page - ON Semiconductor NSS3005NZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSM3005NZ
www.onsemi.com
3
TYPICAL CHARACTERISTICS − Q1
Figure 1. PNP DC Current Gain vs. Collector
Current
Figure 2. PNP VCE vs. IC
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1000
100
10
1
0.1
1
10
1000
1000
100
10
1
0.01
0.1
1
Figure 3. PNP VBE(sat) vs. IC
Figure 4. PNP VBE(on) vs. IC
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1000
100
10
1
0.1
0.2
0.3
0.4
0.5
0.8
0.9
1.1
1000
100
10
1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
1.0
Figure 5. PNP VCE vs. IB
Figure 6. PNP Capacitance
IB, BASE CURRENT (mA)
VR, REVERSE VOLTAGE (V)
100
10
1
0.1
0.01
0
0.1
0.3
0.4
0.5
0.7
0.8
1.0
100
10
1
0.1
1
10
100
1000
0.6
0.7
1.0
0.8
0.2
0.6
0.9
TJ = 150°C
TJ = 25°C
TJ = −55°C
TJ = 150°C
TJ = 25°C
TJ = −55°C
IC/IB = 10
TJ = 150°C
TJ = 25°C
TJ = −55°C
IC/IB = 10
VCE = 1 V
TJ = 150°C
TJ = 25°C
TJ = −55°C
IC = 1.0 mA
10 mA
100 mA
300 mA
500 mA
Cibo
Cobo


Similar Part No. - NSS3005NZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30071MR6T1G ONSEMI-NSS30071MR6T1G Datasheet
62Kb / 6P
   30 V, 0.7 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
More results

Similar Description - NSS3005NZTAG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01M ONSEMI-5LN01M Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
   Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01C ONSEMI-5LN01C Datasheet
263Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01S ONSEMI-5LN01S Datasheet
269Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
3LN01SS ONSEMI-3LN01SS Datasheet
258Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com