Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4C01NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4C01NT1G
Description  Single N-Channel Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4C01NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4C01NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4C01NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4C01NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4C01NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4C01NT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4C01NT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTMFS4C01N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1
0.1
10
100
1k
10k
100k
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
QG, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (W)
140
20
0
0
1
6
12
100
10
1
0.1
10
1000
10
100
100
QT
VDS = 15 V
ID = 30 A
TJ = 25°C
QGS
QGD
VGS = 0 V
TJ = 25°C
f = 1 MHz
CRSS
COSS
CISS
40
60
80
100
120
2
3
4
5
11
7
8
9
10
VDS
VGS
0
6
3
18
9
12
15
VGS = 4.5 V
VDD = 15 V
ID = 15 A
td(off)
td(on)
tr
tf
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
1.0
0.8
0.6
0.4
0.3
0.1
1
10
100
1000
0.5
0.7
0.9
TJ = 25°C
TJ = −55°C
TJ = 150°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
1
10
100
1000
RDS(on) Limit
Thermal Limit
Package Limit
10 ms
100 ms
1 ms
10 ms
VGS ≤ 10 V
TC = 25°C


Similar Part No. - NTMFS4C01NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4C020N ONSEMI-NTMFS4C020N Datasheet
82Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 0
NTMFS4C020NT1G ONSEMI-NTMFS4C020NT1G Datasheet
82Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 0
NTMFS4C020NT3G ONSEMI-NTMFS4C020NT3G Datasheet
82Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 0
NTMFS4C022N ONSEMI-NTMFS4C022N Datasheet
83Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 0
NTMFS4C022NT1G ONSEMI-NTMFS4C022NT1G Datasheet
83Kb / 6P
   Power MOSFET
June, 2016 ??Rev. 0
More results

Similar Description - NTMFS4C01NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3C21NZ ONSEMI-NTR3C21NZ Datasheet
80Kb / 6P
   Single N-Channel Field Effect Transistor
November, 2015 ??Rev. 0
NTMFS5C423NL ONSEMI-NTMFS5C423NL Datasheet
130Kb / 6P
   Single N-Channel Field Effect Transistor
June, 2015 ??Rev. 0
NTMFS5C670NL ONSEMI-NTMFS5C670NL Datasheet
85Kb / 6P
   Single N-Channel Field Effect Transistor
January, 2016 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5163 NJSEMI-2N5163 Datasheet
202Kb / 1P
   N-CHANNEL FIELD-EFFECT TRANSISTOR
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com