Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTND31015NZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTND31015NZ
Description  Dual N-Channel Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTND31015NZ Datasheet(HTML) 5 Page - ON Semiconductor

  NTND31015NZ Datasheet HTML 1Page - ON Semiconductor NTND31015NZ Datasheet HTML 2Page - ON Semiconductor NTND31015NZ Datasheet HTML 3Page - ON Semiconductor NTND31015NZ Datasheet HTML 4Page - ON Semiconductor NTND31015NZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTND31015NZ
www.onsemi.com
5
PACKAGE DIMENSIONS
XLLGA6 0.90x0.65
CASE 713AC
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. POSITIONAL TOERANCE APPLIES TO ALL
SIX LEADS.
A
D
E
B
C
0.05
PIN ONE
2X
REFERENCE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
C
C
0.05
C
0.05
C
0.05
A1
SEATING
PLANE
e3
e
2X
NOTE 3
b2
4X
0.10
C
0.05
C
A B
B
DIM
MIN
MAX
MILLIMETERS
A
0.340
0.440
A1
0.000
0.050
b
0.200
0.300
D
0.900 BSC
b2
0.080
0.180
E
0.650 BSC
e
0.295 BSC
L
0.215
0.315
23
6
4
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIMENSIONS: MILLIMETERS
L2
0.115
0.215
1
4X
0.300
0.300
0.300
2X
0.400
0.781
e1
0.340 BSC
e2
0.300 BSC
e3
0.208 BSC
e4
0.158 BSC
M
0.340
PITCH
PITCH
2X
4X
0.180
1
0.345
PITCH
RECOMMENDED
M
5
b
2X
e2
e1
e4
L2
4X
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NTND31015NZ/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTND31015NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31200PZTAG ONSEMI-NTND31200PZTAG Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZTAG ONSEMI-NTND31211PZTAG Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31215CZ ONSEMI-NTND31215CZ Datasheet
99Kb / 8P
   Small Signal MOSFET
November, 2015 ??Rev. 0
More results

Similar Description - NTND31015NZ

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
2N7002KDW SECELECTRONICS-2N7002KDW Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
logo
ON Semiconductor
NTND3184NZ ONSEMI-NTND3184NZ Datasheet
76Kb / 5P
   Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
logo
SeCoS Halbleitertechnol...
2N7002KDW SECOS-2N7002KDW_15 Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
2N7002KDW SECOS-2N7002KDW Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
logo
AiT Semiconductor Inc.
AM2N7002FDW AITSEMI-AM2N7002FDW Datasheet
349Kb / 8P
   MOSFET 30V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DW AITSEMI-AM2N7002DW Datasheet
387Kb / 7P
   MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com