Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTND3184NZTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTND3184NZTAG
Description  Dual N-Channel Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTND3184NZTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NTND3184NZTAG Datasheet HTML 1Page - ON Semiconductor NTND3184NZTAG Datasheet HTML 2Page - ON Semiconductor NTND3184NZTAG Datasheet HTML 3Page - ON Semiconductor NTND3184NZTAG Datasheet HTML 4Page - ON Semiconductor NTND3184NZTAG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 1
1
Publication Order Number:
NTND3184NZ/D
NTND3184NZ
Small Signal MOSFET
20 V, 200 mA, Dual N−Channel,
0.65 mm x 0.90 mm x 0.4 mm XLLGA−6
Package
Features
Dual N−Channel MOSFET
Offers a Low RDS(ON) Solution in the Ultra Small 0.65 mm
x 0.90 mm Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Small Signal Load Switch
Analog Switch
High Speed Interfacing
Optimized for Power Management in Ultra Portable Products
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±8
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
200
mA
TA = 85°C
140
t
v 5 s
TA = 25°C
220
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
125
mW
t
v 5 s
166
Pulsed Drain Current
tp = 10 ms
IDM
800
mA
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
200
mA
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface−mounted on FR4 board using the minimum recommended pad size,
1 oz Cu.
2. Pulse Test: pulse width
v300 ms, duty cycle v2%
www.onsemi.com
(Bottom View)
PINOUT DIAGRAM
D1
S1
G1
N−Channel
MOSFET
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID Max
20 V
1.5
W @ 4.5 V
2.0
W @ 2.5 V
200 mA
3.0
W @ 1.8 V
4.5
W @ 1.5 V
MARKING DIAGRAM
A
= Specific Device Code
M
= Date Code
A M
1
D2
S2
G2
D1
G2
S2
D2
G1
S1
3
2
1
6
5
4
XLLGA6
Case 713AC


Similar Part No. - NTND3184NZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTND31015NZ ONSEMI-NTND31015NZ Datasheet
77Kb / 5P
   Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
NTND31015NZTAG ONSEMI-NTND31015NZTAG Datasheet
77Kb / 5P
   Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31200PZTAG ONSEMI-NTND31200PZTAG Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results

Similar Description - NTND3184NZTAG

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
2N7002KDW SECELECTRONICS-2N7002KDW Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
logo
ON Semiconductor
NTND31015NZ ONSEMI-NTND31015NZ Datasheet
77Kb / 5P
   Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
logo
SeCoS Halbleitertechnol...
2N7002KDW SECOS-2N7002KDW_15 Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
2N7002KDW SECOS-2N7002KDW Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
logo
AiT Semiconductor Inc.
AM2N7002FDW AITSEMI-AM2N7002FDW Datasheet
349Kb / 8P
   MOSFET 30V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DW AITSEMI-AM2N7002DW Datasheet
387Kb / 7P
   MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com