Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTND31225CZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTND31225CZ
Description  Small Signal MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTND31225CZ Datasheet(HTML) 1 Page - ON Semiconductor

  NTND31225CZ Datasheet HTML 1Page - ON Semiconductor NTND31225CZ Datasheet HTML 2Page - ON Semiconductor NTND31225CZ Datasheet HTML 3Page - ON Semiconductor NTND31225CZ Datasheet HTML 4Page - ON Semiconductor NTND31225CZ Datasheet HTML 5Page - ON Semiconductor NTND31225CZ Datasheet HTML 6Page - ON Semiconductor NTND31225CZ Datasheet HTML 7Page - ON Semiconductor NTND31225CZ Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 0
1
Publication Order Number:
NTND31225CZ/D
NTND31225CZ
Small Signal MOSFET
20 V, Complementary 0.65 mm x 0.90 mm
x 0.4 mm XLLGA6 Package
Features
Advanced Trench Complementary MOSFET
Offers a Low RDS(ON) Solution in the Ultra Small
0.65 mm
× 0.90 mm Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Small Signal Load Switch with Level Shift
Analog Switch
High Speed Interfacing
Optimized for Power Management in Ultra Portable Products
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
NMOS
VDSS
20
V
PMOS
−20
Gate-to-Source Voltage
NMOS
VGSS
±8
V
PMOS
±8
N−Channel
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
220
mA
TA = 85°C
158
t
≤ 5 s
TA = 25°C
253
P−Channel
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−127
mA
TA = 85°C
−91
t
≤ 5 s
TA = 25°C
−146
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
125
mW
t
≤ 5 s
166
Pulsed Drain Current
NMOS
tp = 10 ms
IDM
846
mA
PMOS
−488
Source Current (Body Diode)
IS
200
mA
−200
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface-mounted on FR4 board using the minimum recommended pad size,
1 oz Cu.
www.onsemi.com
(Bottom View)
PINOUT DIAGRAM
D1
S1
G1
DEVICE SYMBOL
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID Max
N−Channel
20 V
1.5
W @ 4.5 V
2.0
W @ 2.5 V
220 mA
3.0
W @ 1.8 V
4.5
W @ 1.5 V
MARKING DIAGRAM
L
= Specific Device Code
M
= Date Code
L M
1
D1
G2
S2
D2
G1
S1
3
2
1
6
5
4
XLLGA6
Case 713AC
S2
D2
G2
P−Channel
−20 V
5.0
W @ −4.5 V
6.0
W @ −2.5 V
−127 mA
7.0
W @ −1.8 V
10.0
W @ −1.5 V
NMOS
PMOS


Similar Part No. - NTND31225CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31200PZTAG ONSEMI-NTND31200PZTAG Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZTAG ONSEMI-NTND31211PZTAG Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31215CZ ONSEMI-NTND31215CZ Datasheet
99Kb / 8P
   Small Signal MOSFET
November, 2015 ??Rev. 0
More results

Similar Description - NTND31225CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com