Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SG00 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SG00
Description  Single 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG00 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SG00 Datasheet HTML 1Page - ON Semiconductor NL17SG00 Datasheet HTML 2Page - ON Semiconductor NL17SG00 Datasheet HTML 3Page - ON Semiconductor NL17SG00 Datasheet HTML 4Page - ON Semiconductor NL17SG00 Datasheet HTML 5Page - ON Semiconductor NL17SG00 Datasheet HTML 6Page - ON Semiconductor NL17SG00 Datasheet HTML 7Page - ON Semiconductor NL17SG00 Datasheet HTML 8Page - ON Semiconductor NL17SG00 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2014
March, 2014 − Rev. 4
1
Publication Order Number:
NL17SG00/D
NL17SG00
Single 2-Input NAND Gate
The NL17SG00 MiniGate
t is an advanced high−speed CMOS
2−input NAND gate in ultra−small footprint.
The NL17SG00 input structures provides protection when voltages
up to 4.6 V are applied.
Features
Wide Operating VCC Range: 0.9 V to 3.6 V
High Speed: tPD = 2.5 ns (Typ) at VCC = 3.0 V, CL = 15 pF
Low Power Dissipation: ICC = 0.5 mA (Max) at TA = 25°C
4.6 V Overvoltage Tolerant (OVT) Input Pins
Ultra−Small Packages
These are Pb−Free and Halide−Free Devices
Figure 1. Pinout (Top View)
VCC
IN B
IN A
OUT Y
GND
1
2
34
5
VCC
IN B
IN A
1
2
3
5
4
GND
OUT Y
VCC
IN A
IN B
OUT Y
GND
1
2
3
5
4
6
NC
SOT−953
UDFN6
SC−88A
http://onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of
this data sheet.
SOT−953
1
2
3IN B
IN A
GND
4
5VCC
OUT Y
MARKING
DIAGRAMS
SOT−953
CASE 527AE
T M
1
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y
H
H
H
L
A
L
L
H
H
SC−88A
DF SUFFIX
CASE 419A
1
5
AW M
G
G
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
3M
UDFN6
1.45 x 1.0
CASE 517AQ
M
1
UDFN6
1.0 x 1.0
CASE 517BX
PIN ASSIGNMENT
SC−88A
UDFN6
GND
IN B
IN A
VCC
OUT Y
GND
IN A
IN B
NC
OUT Y
6VCC


Similar Part No. - NL17SG00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02AMUTCG ONSEMI-NL17SG02AMUTCG Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02CMUTCG ONSEMI-NL17SG02CMUTCG Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02DFT2G ONSEMI-NL17SG02DFT2G Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02P5T5G ONSEMI-NL17SG02P5T5G Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
More results

Similar Description - NL17SG00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com