Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP-04 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # DAP-04
Description  DALI-PWM Signal Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DAP-04 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  DAP-04 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dimming with
ON/OFF
LED PSU
AC source
AC/L
AC/L
V+
MEAN WELL
AC/DC LED PSU
LED Lighting Fixture
DAP-04
series
(DALI-PWM signal converter )
RY+
RY-
AC/N
DIM1
DIM1
AC/N
V-
DIM+
DIM-
~
The DAP-04 series is equipped with a relay that can be used to turn ON/OFF MEAN WELL LED PSUs. The relay is in the closed
position when the DIM1 generates dimming signal; the relay is in the open position when there is no output signal on the DIM1.
AC source
AC/L
AC/L
V+
MEAN WELL
AC/DC LED PSU
LED Lighting Fixture
DAP-04
series
Figure 2
Figure 1
(DALI-PWM signal converter )
RY+
RY-
AC/N
AC/N
V-
DIM+
DIM-
~
An additional magnetic switch is needed when the total input current of the selected LED PSUs is higher than 8A or used
Relay or magnetic switch
with LED PSUs whose inrush current is greater than 50A, please refer to the figure 2.
+
+
-
-
DALI-PWM Signal Converter
DAP-04 series
File Name:DAP-04-SPEC 2015-11-16


Similar Part No. - DAP-04

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
   SIP NETWORKS
logo
STMicroelectronics
DAP002 STMICROELECTRONICS-DAP002 Datasheet
415Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
DAP005TR STMICROELECTRONICS-DAP005TR Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
logo
ON Semiconductor
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results

Similar Description - DAP-04

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
DAL000N802PON0-00G LINKCOM-DAL000N802PON0-00G Datasheet
193Kb / 2P
   DALI PWM Relay Driver
logo
WAGO Kontakttechnik Gmb...
753-620 WAGO-753-620 Datasheet
460Kb / 11P
   DALI Multi-Master DC/DC Converter
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
   DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
   KNX-DALI Gateway
2022-11-04
logo
ON Semiconductor
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
   PWM Buck Converter
June, 2003 - Rev. 0
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
   Signal Phase PWM Controller
logo
LinkCom Manufacturing C...
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
   DALI System Master
logo
WAGO Kontakttechnik Gmb...
750-641 WAGO-750-641 Datasheet
494Kb / 11P
   DALI/DSI Master
753-647 WAGO-753-647 Datasheet
539Kb / 13P
   DALI Multi-Master
logo
Mean Well Enterprises C...
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
   KNX to DALI Gateway
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com