Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAP-04 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # DAP-04
Description  DALI-PWM Signal Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DAP-04 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  DAP-04 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. DAP-04 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DAP-04 series provides 4-channel outputs; every channel controls up to 20 units of MEAN WELL LED PSU.
The dimming percentage of the MEAN WELL LED PSUs controlled by the same channel of DAP-04 is the same.
The 4 channels can thus control up to 80 units of MEAN WELL LED PSU. (Note. 1)
The dimming percentage per DAP-04 series channel can be controlled independently.
T
series
he maximum allowable voltage drop between the DAP-04
and LED PSUs should not be higher than 0.5V.
Note. 1 .Light intensity of LEDs in the same group may be decreased when one of the LED PSUs is AC OFF.
2.Refer to DAP-04-S01 technical note.
SYNCHRONIZATION OPERATION
Dimmingable
LED PSU
Dimmingable
LED PSU
Dimmingable
LED PSU
Dimmingable
LED PSU
DIM+
DIM+
DIM+
DIM+
DIM-
DIM-
20 drivers(max.)
20 drivers(max.)
DIM-
DIM-
++
++
--
--
DAP-04 series
(DALI-PWM signal converter)
DIM1
DIM2
DIM3
DIM4
Up to 4 channels
+
+
+
+
-
-
-
-
DALI-PWM Signal Converter
DAP-04 series
File Name:DAP-04-SPEC 2015-11-16


Similar Part No. - DAP-04

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
   SIP NETWORKS
logo
STMicroelectronics
DAP002 STMICROELECTRONICS-DAP002 Datasheet
415Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
DAP005TR STMICROELECTRONICS-DAP005TR Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
logo
ON Semiconductor
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results

Similar Description - DAP-04

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
DAL000N802PON0-00G LINKCOM-DAL000N802PON0-00G Datasheet
193Kb / 2P
   DALI PWM Relay Driver
logo
WAGO Kontakttechnik Gmb...
753-620 WAGO-753-620 Datasheet
460Kb / 11P
   DALI Multi-Master DC/DC Converter
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
   DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
   KNX-DALI Gateway
2022-11-04
logo
ON Semiconductor
NCP1512 ONSEMI-NCP1512 Datasheet
77Kb / 12P
   PWM Buck Converter
June, 2003 - Rev. 0
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
   Signal Phase PWM Controller
logo
LinkCom Manufacturing C...
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
   DALI System Master
logo
WAGO Kontakttechnik Gmb...
750-641 WAGO-750-641 Datasheet
494Kb / 11P
   DALI/DSI Master
753-647 WAGO-753-647 Datasheet
539Kb / 13P
   DALI Multi-Master
logo
Mean Well Enterprises C...
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
   KNX to DALI Gateway
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com