Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG-100 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ELG-100
Description  100W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELG-100 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ELG-100 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELG-100 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELG-100 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELG-100 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELG-100 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELG-100 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELG-100 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
■ Model Encoding
■ Description
■ Features
■ Applications
Output voltage
Output wattage
Series name
File Name:ELG-100-SPEC 2015-11-30
-36
ELG - 100
100W Single Output Switching Power Supply
ELG-100 series
A
Function mode option
{
ELG-100 series is a 100W LED AC/DC power supply featuring the constant current output and
constant voltage output design with low output voltage. The input accepts the wide range
180~295VAC and is equipped with the active PFC function. With the high efficiency up to
91% and the heat-conducted silicone, ELG-100 is able to operate for -40 ~+90 case temperature
℃℃
under free air convection.
LED street lighting
LED harbor lighting
LED bay lighting
LED greenhouse lighting
Class , Division 2 hazardous
(Classified) location luminaires
180~295VAC input range
Built-in active PFC function
No load power consumption <0.5W
High efficiency up to 91%
Fanless design, cooling by free air convection
IP67 /IP65 design for indoor or outdoor installations
Output current adjustable through output cable or
internal potentiometer
-
for A Type
Built-in 3 in 1 dimming function for B-Type
(0~10Vdc or 10V PWM signal or resistance)
Protections: Short circuit /Overload /Over voltage
/Over temperature
Class 2 power unit
Suitable for dry /damp /wet locations
Type “HL” for use in class , Division 2
hazardous(Classified) location luminaires
5 years warranty(Note.8)
FM
M
110
IP67
IP65
SELV
Type HL
(for DA-Type only)
A : Standard model, IP65, constant current and
constant voltage levels adjustable through
internal potentiometer
B : Standard model, IP67, constant current level
adjustable with additive 0~10Vdc, 10V PWM signal
or resistance
Blank : Standard model, IP67, constant current
and constant voltage levels fixed
D: Optional model, IP67, Smart timer dimming function.
Please contact MEAN WELL for details
DA: Optional model, IP67, DALI function


Similar Part No. - ELG-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
ELG-100-C500-A MEANWELL-ELG-100-C500-A Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
ELG-100U MEANWELL-ELG-100U Datasheet
1Mb / 8P
   100W Constant Voltage Constant Current LED Driver
ELG-100U-24 MEANWELL-ELG-100U-24 Datasheet
1Mb / 8P
   100W Constant Voltage Constant Current LED Driver
ELG-100U-24A MEANWELL-ELG-100U-24A Datasheet
1Mb / 8P
   100W Constant Voltage Constant Current LED Driver
More results

Similar Description - ELG-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com