Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG-150-24-A Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # ELG-150-24-A
Description  150W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELG-150-24-A Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

  ELG-150-24-A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELG-150-24-A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELG-150-24-A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELG-150-24-A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELG-150-24-A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELG-150-24-A Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELG-150-24-A Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
File Name:ELG-150-SPEC 2015-12-31
150W Single Output Switching Power Supply
ELG-150 series
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Tcase
※ T case: Case Temperature.
208
219
195
300±20
300±20
SJTW 18AWGx2C
AC/L(Brown)
AC/N(Blue)
12V,24V:SJTW 14AWGx2C
36V,42V,48V,54V:SJTW 18AWGx2C
105
UL2517 22AWGx2C
+V(Red)
-V(Black)
DIM-/DA-(White)
DIM+/DA+(Blue)
B-Type DA-Type:(ELG-150-_B / ELG-150-_DA)
/
Tcase
※ T case: Case Temperature.
208
219
195
300±20
300±20
SJTW 18AWGx2C
AC/L(Brown)
AC/N(Blue)
12V,24V:SJTW 14AWGx2C
36V,42V,48V,54V:SJTW 18AWGx2C
105
+V(Red)
-V(Black)
BE-Type:(ELG-150-_BE)
DIM-(White)
DIM+(Blue)
-V1(
)
Black
+V1(
)
Red
UL2464 18AWGx2C for +V1,-V1
UL2464 22AWGx2C for DIM+,DIM-
4-
4.5
ψ
4-
4.5
ψ


Similar Part No. - ELG-150-24-A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-150-24A-3Y MEANWELL-ELG-150-24A-3Y Datasheet
341Kb / 11P
    84-150W Constant Voltage Constant Current LED Driver
2018-05-29
More results

Similar Description - ELG-150-24-A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com