Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-240H-C Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240H-C
Description  250W Single Output LED Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240H-C Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  HLG-240H-C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-240H-C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Mechanical Specification
Case No.954F
Unit:mm
250W Single Output LED Power Supply
HLG-240H-C series
File Name:HLG-240H-C-SPEC 2015-10-02
244.2
220.2
12
9.6
+V(Red)
-V(Black)
300
20
±
FG
(Green/Yellow)
FG
(Green/Yellow)
AC/L(Brown)
AC/L(Brown)
AC/N(Blue)
AC/N(Blue)
300
20
±
110.1
110.1
Tcase
Tcase
※ T case: Max. Case Temperature.
※ T case: Max. Case Temperature.
244.2
220.2
12
9.6
+V(Red)
-V(Black)
DIM-(White)
DIM+(Blue)
SJTW 18AWG
3C
×
B-Type:(HLG-240H-C_B)
300
20
±
300
20
±
STW 18AWG
2C
×
SJTW 18AWG
2C
×
A-Type:(HLG-240H-C_A)
※ IP65 rated. Constant current level can be adjusted through internal potentiometer.
(Can access by removing the rubber stopper on the case.)
Io
ADJ.
STW 18AWG
2C
×
SJTW 18AWG
3C
×
ψ×
4.2
4PL
ψ×
4.2
4PL
IP67 rated. Smart timer dimming function, contact MEAN WELL for details.
D-Type(option):(HLG-240H-C_D)
244.2
220.2
12
9.6
+V(Red)
-V(Black)
300
20
±
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
300
20
±
STW 18AWG
2C
×
SJTW 18AWG
3C
×
110.1
Tcase
※ T case: Max. Case Temperature.
ψ×
4.2
4PL


Similar Part No. - HLG-240H-C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240H-12 MEANWELL-HLG-240H-12 Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12 MEANWELL-HLG-240H-12 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12 MEANWELL-HLG-240H-12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12A MEANWELL-HLG-240H-12A Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-12B MEANWELL-HLG-240H-12B Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240H-C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
S-250 MEANWELL-S-250 Datasheet
333Kb / 2P
   250W Single Output Switching Power Supply
logo
Total Power Internation...
S-250 TOTAL-POWER-S-250 Datasheet
408Kb / 2P
   250W Single Output Switching Power Supply
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
   25W Single Output LED Power Supply
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com