Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL-CL2-01 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # IRL-CL2-01
Description  LED Strip Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRL-CL2-01 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  IRL-CL2-01 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRL-CL2-01 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRL-CL2-01 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■ Mechanical Specification
■ The Circuit Principle Diagram
Remarks:
⑴Above all dimensions of the unit is mm;
⑵Without special mark, the normal size error is:Size≥5mm error±0.5mm,
Size<5mm error ±0.05mm
■ Connection
LED Strip Module
AC220V/110V
DC12V
W
V
12V
W
V
12V
W
V
12V
W
V
12V
12V+
WW
NW
Driver
SW-WW Receiver
SW-WW Strip
File Name:IRL-CL2-01 2015-11-23
I R L - C L 2 - 0 1
Remote


Similar Part No. - IRL-CL2-01

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
IRL-5-D-D-2 LORLIN-IRL-5-D-D-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-D-S-2 LORLIN-IRL-5-D-S-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-R-D-2 LORLIN-IRL-5-R-D-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-R-S-2 LORLIN-IRL-5-R-S-2 Datasheet
888Kb / 2P
   IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
logo
OSRAM GmbH
IRL-80-A OSRAM-IRL-80-A Datasheet
172Kb / 10P
   GaAs infrared emitting diode
More results

Similar Description - IRL-CL2-01

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRL-RGBW-01 MEANWELL-IRL-RGBW-01 Datasheet
1Mb / 3P
   LED Strip Module
IRL-RGB-01 MEANWELL-IRL-RGB-01 Datasheet
598Kb / 3P
   LED Strip Module
NCL-CL1-01 MEANWELL-NCL-CL1-01 Datasheet
916Kb / 3P
   LED Strip Module
logo
BetLux Electronics
TLS-1W-ML38_1W BETLUX-TLS-1W-ML38_1W Datasheet
174Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-MS35_1W BETLUX-TLS-1W-MS35_1W Datasheet
476Kb / 1P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-ML45 BETLUX-TLS-1W-ML45 Datasheet
223Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-MS35 BETLUX-TLS-1W-MS35 Datasheet
476Kb / 1P
   LED strip light, Mono color, 1W high power LED Module
TLS-1W-ML45_1W BETLUX-TLS-1W-ML45_1W Datasheet
223Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com