Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFA-34-24T-HP-CDFJ Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # SFA-34-24T-HP-CDFJ
Description  Integrated Single fiber bi-directional optical subassembly
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFA-34-24T-HP-CDFJ Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button SFA-34-24T-HP-CDFJ Datasheet HTML 4Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 5Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 6Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 7Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 8Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 9Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 10Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 11Page - Source Photonics, Inc. SFA-34-24T-HP-CDFJ Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS-6830 Rev 01 2011-11-30
SFA-34-24T-HP-CDFJ
SFA-34-24T-HP-TDFJ
F3 00(C temp)
-13℃(C temp)
4
04
2
Temp High Warning
5A 00 (I temp)
4B 00(C temp)
90℃(I temp)
75℃(C temp)
6
06
2
Temp Low Warning
D8 00(I temp)
F8 00(C temp)
-40℃(I temp)
-8℃(C temp)
8
08
2
Voltage High Alarm
8C A0
3.6V
10
0A
2
Voltage Low Alarm
75 30
3.0V
12
0C
2
Voltage High Warning
88 B8
3.5V
14
0E
2
Voltage Low Warning
79 18
3.1V
16
10
2
Bias High Alarm
C3 50
100mA
18
12
2
Bias Low Alarm
00 00
0mA
20
14
2
Bias High Warning
9C 40
80mA
22
16
2
Bias Low Warning
00 00
0mA
24
18
2
TX Power High Alarm
9B 82
6dBm
26
1A
2
TX Power Low Alarm
22 D0
-0.5dBm
28
1C
2
TX Power High Warning
7B 86
5dBm
30
1E
2
TX Power Low Warning
2B D4
0.5dBm
32
20
2
RX Power High Alarm
07 CB
-7dBm
34
22
2
RX Power Low Alarm
00 0F
-28dBm
36
24
2
RX Power High Warning
06 30
-8dBm
38
26
2
RX Power Low Warning
00 14
-27dBm
40
28
16
Reserved
00….000
Reserved
56
38
4
RX_PWR(4) Calibration
00 00 00 00
4th order RSSI calibration coefficient
60
3C
4
RX_PWR(3) Calibration
00 00 00 00
3rd order RSSI calibration coefficient
64
40
4
RX_PWR(2) Calibration
00 00 00 00
2nd order RSSI calibration coefficient
68
44
4
RX_PWR(1) Calibration
3F 80 00 00
1st order RSSI calibration coefficient
72
48
4
RX_PWR(0) Calibration
00 00 00 00
0th order RSSI calibration coefficient
76
4C
2
TX_I(Slope) Calibration
01 00
Slope for Bias calibration
78
4E
2
TX_I(Offset) Calibration
00 00
Offset for Bias calibration
80
50
2
TX_PWR(Slope) Calibration
01 00
Slope for TX Power calibration
82
52
2
TX_PWR(Offset) Calibration
00 00
Offset for TX Power calibration
84
54
2
T(Slope) Calibration
01 00
Slope for Temperature calibration
86
56
2
T(Offset) Calibration
00 00
Offset for Temperature calibration, in
units of 256ths C
88
58
2
V(Slope) Calibration
01 00
Slope for VCC calibration
90
5A
2
V(Offset) Calibration
00 00
Offset for VCC calibration
92
5C
3
Reserved
00 00 00
Reserved
95
5F
1
Checksum
xx
Checksum
96
60
2
Transceiver Temperature
xx xx
Temperature in C/256
98
62
2
Supply Voltage
xx xx
Vcc
100
64
2
TX Bias Current
xx xx
BIASMON
102
66
2
TX Optical Output Power
xx xx
Back facet monitor


Similar Part No. - SFA-34-24T-HP-CDFJ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFA-34-24T-HP-CDFI SOURCE-SFA-34-24T-HP-CDFI Datasheet
297Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
More results

Similar Description - SFA-34-24T-HP-CDFJ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC4-60 SOURCE-B-13-15-622-TPM-SSC4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
B-15-622-TDPM-SSC-60 SOURCE-B-15-622-TDPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com