Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFU-34-24T-HP-CDFJ Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SFU-34-24T-HP-CDFJ
Description  SFU-34-24T-HP-CDFJ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFU-34-24T-HP-CDFJ Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SFU-34-24T-HP-CDFJ Datasheet HTML 1Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 2Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 3Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 4Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 5Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 6Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 7Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 8Page - Source Photonics, Inc. SFU-34-24T-HP-CDFJ Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS-7187 Rev 00 2012-08-31
SFU-34-24T-HP-CDFJ
SFU-34-24T-HP-TDFJ
Figure 3, Timing Parameter Definition in Burst Mode Sequence
Recommended Interface Circuit
GPON MAC
SerDes
Laser Driver
(BM)
LIA
(CM)
Microprocessor
+3.3V
+3.3V
+3.3V
PON_TX_DISABLE
TXP
TXN
RXN
RXP
NC
NC
NC
NC
10μF
0.1μF
10μF
0.1μF
0.1μF
2X1μH
Z=50
Z=50
Z=50
Z=50
2X4.7-10K
10K
Temperature
Supply Voltage
Tx Power
Rx Power
VEET(12,16)
VCCT(11)
VCCR(7)
VEER(2,3,6)
TX_BRST(13)
TD+(14)
TD-(15)
RD-(9)
RD+(10)
SD(8)
SDA(18)
SCL(17)
PON_SDA
PON_SCL
100
Tx_Fault(19)
Bias Current
R2=NC
+3.3V
R1=NC
R1=NC
R2=NC
+3.3V
Tx_SD(20)
4.7-10K
Figure 4, Recommended Interface Circuit


Similar Part No. - SFU-34-24T-HP-CDFJ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFU-34-24T-HP-CDFI SOURCE-SFU-34-24T-HP-CDFI Datasheet
296Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
More results

Similar Description - SFU-34-24T-HP-CDFJ

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12225 SPARKFUN-ROB-12225 Datasheet
97Kb / 1P
   Gear - Pinion Gear (24T; 0.25 Bore)
1/18/2016
ROB-12418 SPARKFUN-ROB-12418 Datasheet
94Kb / 1P
   Gear - Pinion Gear (24T; 6mm Bore)
1/18/2016
ROB-12307 SPARKFUN-ROB-12307 Datasheet
98Kb / 1P
   Sprocket - Hub Mount (0.25, 24T; 0.5 Bore)
2/12/2016
logo
PHOENIX CONTACT
2281571 PHOENIX-2281571 Datasheet
96Kb / 4P
   FLKMS 34
logo
E-SWITCH
34-PP1DT72B2 E-SWITCH-34-PP1DT72B2 Datasheet
68Kb / 1P
   34-PP1DT72B2
logo
DB Lectro Inc
BBS-34 DBLECTRO-BBS-34 Datasheet
73Kb / 1P
   BBS-34
logo
E-SWITCH
34-PP1EB72A2 E-SWITCH-34-PP1EB72A2 Datasheet
60Kb / 1P
   34-PP1EB72A2
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com