Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFU-34-24T-HP-TDFJ Datasheet(PDF) 11 Page - Source Photonics, Inc.

Part # SFU-34-24T-HP-TDFJ
Description  SFU-34-24T-HP-CDFJ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFU-34-24T-HP-TDFJ Datasheet(HTML) 11 Page - Source Photonics, Inc.

Back Button SFU-34-24T-HP-TDFJ Datasheet HTML 4Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 5Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 6Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 7Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 8Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 9Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 10Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 11Page - Source Photonics, Inc. SFU-34-24T-HP-TDFJ Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS-7187 Rev 00 2012-08-31
SFU-34-24T-HP-CDFJ
SFU-34-24T-HP-TDFJ
74.4
1bit
VCC too low warning
x
VCC too low warning
74.3
1bit
BIASMON too high warning
x
BIASMON too high warning
74.2
1bit
BIASMON too low warning
x
BIASMON too low warning
74.1
1bit
TX Power too high warning
x
TX Power too high warning
74.0
1bit
TX Power too low warning
x
TX Power too low warning
117
75.7
1bit
RX Power too high warning
x
RX Power too high warning
75.6
1bit
RX Power too low warning
x
RX Power too low warning
75.5
1bit
Reserved interrupt status bit
0
Reserved interrupt status bit
75.4
1bit
Reserved interrupt status bit
0
Reserved interrupt status bit
75.3
1bit
Reserved interrupt status bit
0
Reserved interrupt status bit
75.2
1bit
Reserved interrupt status bit
0
Reserved interrupt status bit
75.1
1bit
Reserved interrupt status bit
0
Reserved interrupt status bit
75.0
1bit
Reserved interrupt status bit
0
Reserved interrupt status bit
118
76
1
Reserved
00
Reserved
119
77
1
Reserved
00
Reserved
120
78
8
Vendor Specific
00 00 00 00 00 00 00 00
Vendor Specific
Table 9 – Digital Diagnostic Specification (A2h)
Data Address
Parameter
Range
Accuracy
96-97
Temperature
0 to 70°C (c-temp)
-40 to -85°C (I-temp)
±5°C
98-99
Vcc Voltage
0 to Vcc
±5%
100-101
Bias Current
0 to 100mA
±10%
102-103
TX Power
0 to 5dBm
±3dB
104-105
RX Power
-28 to -8dBm
±3dB
Order Information
Table 10 –
Order Information
Part No.
Application
Data Rate
Laser
Source
Fiber Type
Temp
Range
SFU-34-24T-HP-CDFJ
GPON ONT
TX:1244.16Mb/s
RX:2488.32Mb/s
1310nm
DFB
SMF
0 to 70°C
SFU-34-24T-HP-TDFJ
GPON ONT
TX:1244.16Mb/s
RX:2488.32Mb/s
1310nm
DFB
SMF
-40 to 85°C


Similar Part No. - SFU-34-24T-HP-TDFJ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFU-34-24T-HP-TDFI SOURCE-SFU-34-24T-HP-TDFI Datasheet
296Kb / 12P
   Single Fiber, Integrated Diplexer Transceiver
More results

Similar Description - SFU-34-24T-HP-TDFJ

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12225 SPARKFUN-ROB-12225 Datasheet
97Kb / 1P
   Gear - Pinion Gear (24T; 0.25 Bore)
1/18/2016
ROB-12418 SPARKFUN-ROB-12418 Datasheet
94Kb / 1P
   Gear - Pinion Gear (24T; 6mm Bore)
1/18/2016
ROB-12307 SPARKFUN-ROB-12307 Datasheet
98Kb / 1P
   Sprocket - Hub Mount (0.25, 24T; 0.5 Bore)
2/12/2016
logo
PHOENIX CONTACT
2281571 PHOENIX-2281571 Datasheet
96Kb / 4P
   FLKMS 34
logo
E-SWITCH
34-PP1DT72B2 E-SWITCH-34-PP1DT72B2 Datasheet
68Kb / 1P
   34-PP1DT72B2
logo
DB Lectro Inc
BBS-34 DBLECTRO-BBS-34 Datasheet
73Kb / 1P
   BBS-34
logo
E-SWITCH
34-PP1EB72A2 E-SWITCH-34-PP1EB72A2 Datasheet
60Kb / 1P
   34-PP1EB72A2
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com