Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-03-LR-51CDFM Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # SPC-03-LR-51CDFM
Description  Up to 80km transmission on SMF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-03-LR-51CDFM Datasheet(HTML) 9 Page - Source Photonics, Inc.

  SPC-03-LR-51CDFM Datasheet HTML 1Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPC-03-LR-51CDFM Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SPC-03-LR-xxCDFM
DS-7217 Rev 00 2012-10-16
Laser Safety:
Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct
or indirect radiation.
Legal Notice
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Source Photonics’s sole and
absolute discretion. Source Photonics warrants performance of its products to current specifications only in
accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary”
are given to describe components only, and Source Photonics expressly disclaims any and all warranties for said
products, including express, implied, and statutory warranties, warranties of merchantability, fi tness for a particular
purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of Sale
for further warranty information.
Source Photonics assumes no liability for applications assistance, customer product design, software performance,
or infringement of patents, services, or intellectual property described herein. No license, either express or implied,
is granted under any patent right, copyright, or intellectual property right, and Source Photonics makes no
representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual
property rights. Products described in this document are NOT intended for use in implantation or other life support
applications where malfunction may result in injury or death to persons. Source Photonics customers using or
selling products for use in such applications do so at their own risk and agree to fully defend and indemnify Source
Photonics for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees
that Source Photonics is not liable for any actual, consequential, exemplary, or other damages arising directly or
indirectly from any use of the information contained in this document. Customer must contact Source Photonics to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein
is current.
Contact
U.S.A. Headquarters
20550 Nordhoff Street
Chatsworth, CA 91311
USA
Tel: +1-818-773-9044
Fax: +1-818-773-0261
China
Building #2&5, West Export Processing Zone
No. 8 Kexin Road, Hi-Tech Zone
Chengdu, 611731, China
Tel: +86-28-8795-8788
Fax: +86-28-8795-8789
Taiwan
9F, No 81, Shui Lee Rd.
Hsinchu, Taiwan, R.O.C.
Tel: +886-3-5169222
Fax: +886-3-5169213
© Copyright Source Photonics, Inc. 2007~2012
All rights reserved


Similar Part No. - SPC-03-LR-51CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-LR-51CDA SOURCE-SPC-03-LR-51CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
More results

Similar Description - SPC-03-LR-51CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-XXCDFM SOURCE-SPC-03-ELR-XXCDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Level One
SFP-2280 LVL1-SFP-2280 Datasheet
3Mb / 1P
   125M SMF SFP Transceiver (80km, 1310nm, -40 to 85C)
logo
Source Photonics, Inc.
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-GB-BX-CDFM SOURCE-SPL-35-GB-BX-CDFM Datasheet
264Kb / 10P
   Up to 10km point-point transmission
logo
PHOENIX CONTACT
2902856 PHOENIX-2902856 Datasheet
151Kb / 6P
   Transmission ranges up to 36 km
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com