Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-GB-EX-CDFC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SP-GB-EX-CDFC
Description  Digital diagnostic monitor interface Compatible with SFF-8472
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-EX-CDFC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SP-GB-EX-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SP-GB-EX-CDFC Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SP-GB-EX-CDFC
SP-GB-EX-IDFC
DS-7211 Rev 01 2013-02-19
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case
Temperature
SP-GB-EX-CDFC
Tc
-5
+70
°C
SP-GB-EX-IDFC
-40
+85
Power Supply Voltage
VCC
3.13
3.3
3.47
V
Power Supply Current
ICC
-
300
mA
Power Dissipation
PD
-
-
1
W
Data Rate
1.25
Gbps
Optical Characteristics
Table 4 – Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1270
1310
1355
nm
Average Output Power
P0ut
-5
0
dBm
1
P0ut@TX Disable Asserted
P0ut
-45
dBm
1
Spectral Width (-20dB)
σ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
EX
9
dB
Rise/Fall Time (20%~80%)
tr/tf
0.26
ns
2
Total Jitter
TJ
0.481
UI
3
Deterministic Jitter
DJ
0.25
UI
3
Output Optical Eye
IEEE 802.3z and ANSI Fibre Channel Compatible
4
Receiver
Centre Wavelength
λC
1260
1580
nm
Receiver Sensitivity
-23
dBm
5
Receiver Overload
-3
dBm
Return Loss
12
dB
LOS De-Assert
LOSD
-23
dBm
LOS Assert
LOSA
-35
dBm
LOS Hysteresis
1
4
dB
Notes:
1.
The optical power is launched into SMF.
2.
Unfiltered, measured with a PRBS 2
7-1 test pattern @1.25Gbps
3.
Measured with a PRBS 2
7-1 test pattern@1.25Gbps, meet the specified maximum output jitter
requirements if the specified maximum input jitter is present.
4.
Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
5.
Measured with a PRBS 2
7-1 test pattern @1.25Gbps, extinction ratio ER=9dB, BER ≤1×10-12


Similar Part No. - SP-GB-EX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
More results

Similar Description - SP-GB-EX-CDFC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
IR3725 IRF-IR3725 Datasheet
773Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
   Compatible, Digital Diagnostic Optical Transceiver
logo
Source Photonics, Inc.
XP-MR-08-CDFB SOURCE-XP-MR-08-CDFB Datasheet
468Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-IDFA SOURCE-XP-XE-04-IDFA Datasheet
248Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-01-IDFG SOURCE-XP-MR-01-IDFG Datasheet
379Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-CDFA SOURCE-XP-XE-04-CDFA Datasheet
248Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-01-CDFG SOURCE-XP-MR-01-CDFG Datasheet
441Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-04-IDFB SOURCE-XP-MR-04-IDFB Datasheet
397Kb / 8P
   2-wire interface with integrated Digital Diagnostic monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com