Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11C91DCQR Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C91DCQR
Description  650 MHz Prescalers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C91DCQR Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 11C91DCQR Datasheet HTML 2Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 3Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 4Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 5Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 6Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 7Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 8Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 9Page - National Semiconductor (TI) 11C91DCQR Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Logic Diagram 11C91
TLF9892 – 8
Count Sequence Table 11C91
TLF9892 – 9
Note
A HIGH on MS forces all Qs HIGH
Operating Mode Table 11C91
Inputs
Output
MS
CE
M1
M2
Response
H
X
X
X
Set HIGH
L
H
X
X
Hold
LLLL
d
6
LL
X
H
d
5
LL
H
X
d
5
H e HIGH Voltage Level
L e LOW Voltage Level
X e Don’t Care
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
11C9091
D
C
QR
Device Number
Special Variations
(basic)
QR e Commercial grade device
with burn-in
Package Code
D e Ceramic Dual In-Line
Temperature Range
C e Commercial (0 Cto a85 C)
8


Similar Part No. - 11C91DCQR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
National Semiconductor ...
11C06 NSC-11C06 Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C06DCQR NSC-11C06DCQR Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C06FCQR NSC-11C06FCQR Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
More results

Similar Description - 11C91DCQR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
   130/225 MHz Low Power Prescalers
logo
Fujitsu Component Limit...
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
logo
NEC
UPB553AC NEC-UPB553AC Datasheet
201Kb / 4P
   150 MHz DIVIDE-BY-16/17 LOW POWER PRESCALERS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1873A TAI-SAW-TA1873A Datasheet
238Kb / 7P
   SAW Filter 650 MHz
logo
Cypress Semiconductor
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
   Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
logo
M/A-COM Technology Solu...
MAFL-010608 MA-COM-MAFL-010608 Datasheet
760Kb / 6P
   MoCA BPF 650-875 MHz
logo
Zarlink Semiconductor I...
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
   6 GHz Fixed Modulus Prescalers
logo
National Semiconductor ...
DS8673 NSC-DS8673 Datasheet
97Kb / 4P
   Low Power VHF/UHF Prescalers
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
   650 MHz-3 GHz Directional Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com