Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPG-FE-FX-IDFC Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPG-FE-FX-IDFC
Description  Built-in PHY supporting SGMII Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPG-FE-FX-IDFC Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPG-FE-FX-IDFC Datasheet HTML 1Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 2Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 3Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 4Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 5Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 6Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 7Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 8Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS-7315 Rev 04 2013-11-21
SPG-FE-FX-IDFC
SPG-FE-FX-CDFC
4.
Measured with 4B/5B code for 125Mbps, worst-case extinction ratio, and BER ≤1 × 10
-10.
Electrical Characteristics
Table 5 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Data Input Swing Differential
(SGMII Series interface)
VIN
200
2100
mV
1
Input Differential Impedance
ZIN
80
100
120
TX Disable
Disable
2.0
Vcc
V
Enable
Vee
Vee+0.8
TX Fault
Fault
2.0
Vcc
V
Normal
Vee
Vee+0.5
Receiver
Data Output Swing Differential
(SGMII Series Interface)
VOUT
370
2000
mV
1
LOS
High
2.0
Vcc+0.3
V
Low
Vee
Vee+0.5
Notes:
1.
PECL logic, internally AC coupled.
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit


Similar Part No. - SPG-FE-FX-IDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-CDFC SOURCE-SPG-FE-LX-CDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
More results

Similar Description - SPG-FE-FX-IDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LX-XDFC SOURCE-SPG-DR-LX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LH-CDFC SOURCE-SPG-DR-LH-CDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-FX-XDFC SOURCE-SPG-DR-FX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
logo
Broadcom Corporation.
BCM53134 BOARDCOM-BCM53134 Datasheet
3Mb / 2P
   1G/2.5 Gbps SGMII interface
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
   10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
logo
Maxim Integrated Produc...
DS33X11DK MAXIM-DS33X11DK Datasheet
665Kb / 39P
   Includes Ethernet PHY Supporting 10/100 and Gigabit Modes
Rev: 030508
logo
List of Unclassifed Man...
ATCA-8202 ETC2-ATCA-8202 Datasheet
462Kb / 2P
   Built-in Layer 2 Base Interface switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com