Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-34-GB-BD-XDFM Datasheet(PDF) 10 Page - Source Photonics, Inc.

Part # SPL-34-GB-BD-XDFM
Description  Up to 40km transmission on SMF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BD-XDFM Datasheet(HTML) 10 Page - Source Photonics, Inc.

Back Button SPL-34-GB-BD-XDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-34-GB-BD-XDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SPL-34-GB-BD-xDFM
SPL-43-GB-BD-xDFM
DS-6660 Rev 02 2013-8-26
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees
that Source Photonics is not liable for any actual, consequential, exemplary, or other damages arising directly or
indirectly from any use of the information contained in this document. Customer must contact Source Photonics to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein
is current.
Contact
U.S.A. Headquarters
20550 Nordhoff Street
Chatsworth, CA 91311
USA
Tel: +1-818-773-9044
Fax: +1-818-773-0261
China
Building #2&5, West Export Processing Zone
No. 8 Kexin Road, Hi-Tech Zone
Chengdu, 611731, China
Tel: +86-28-8795-8788
Fax: +86-28-8795-8789
Taiwan
9F, No 81, Shui Lee Rd.
Hsinchu, Taiwan, R.O.C.
Tel: +886-3-5169222
Fax: +886-3-5169213
© Copyright Source Photonics, Inc. 2007~2013
All rights reserved


Similar Part No. - SPL-34-GB-BD-XDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BD-CDA SOURCE-SPL-34-GB-BD-CDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-CNA SOURCE-SPL-34-GB-BD-CNA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-TDA SOURCE-SPL-34-GB-BD-TDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-TNA SOURCE-SPL-34-GB-BD-TNA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-34-GB-BD-XDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-XXCDFM SOURCE-SPC-03-ELR-XXCDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
SPC-03-LR-XXCDFM SOURCE-SPC-03-LR-XXCDFM Datasheet
268Kb / 9P
   Up to 80km transmission on SMF
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Level One
SFP-6141 LVL1-SFP-6141 Datasheet
1Mb / 4P
   10Gbps SMF SFP-Plus Transceiver 40km
SFP-4240 LVL1-SFP-4240 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com