Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-43-GB-BD-xDFM Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SPL-43-GB-BD-xDFM
Description  Up to 40km transmission on SMF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-43-GB-BD-xDFM Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button SPL-43-GB-BD-xDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-43-GB-BD-xDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPL-34-GB-BD-xDFM
SPL-43-GB-BD-xDFM
DS-6660 Rev 02 2013-8-26
1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board to
a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of
some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module
with a 4.7k~10k
Ω resistor. Its states are:
Low (0~0.8V):
Transmitter on
(>0.8V, <2.0V):
Undefined
High (2.0~3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k
Ω resistor on the host
board. The pull-up voltage shall be VccT or VccR.
MOD-DEF 0 is grounded by the module to indicate that the module is present
MOD-DEF 1 is the clock line of two wires serial interface for serial ID
MOD-DEF 2 is the data line of two wires serial interface for serial ID
4. LOS is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board to a
voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the
low state, the output will be pulled to less than 0.8V.
5. These are the differential receiver output. They are internally AC-coupled 100Ω differential lines which should
be terminated with 100Ω (differential) at the user SERDES.
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100Ω differential
termination inside the module.
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver’s capabilities, standard
interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at the 8-bit
address 1010000X (A0h). The memory contents refer to Table8.
Table 8 - EEPROM Serial ID Memory Contents (A0h)
Addr.
Field
Size
(Bytes)
Name of Field
Hex
Description
0
1
Identifier
03
SFP
1
1
Ext. Identifier 04
MOD4
2
1
Connector
07
LC
3—10
8
Transceiver
00 00 00 40 00 00 00 00
Transmitter Code
11
1
Encoding
01
8B10B
12
1
BR, nominal
0D
1.25Gbps
13
1
Reserved
00
14
1
Length (9um)-km 28
40km
15
1
Length (9um) FF
16
1
Length (50um) 00


Similar Part No. - SPL-43-GB-BD-xDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CNA SOURCE-SPL-43-GB-BD-CNA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-TDA SOURCE-SPL-43-GB-BD-TDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-TNA SOURCE-SPL-43-GB-BD-TNA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-43-GB-BD-xDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-XXCDFM SOURCE-SPC-03-ELR-XXCDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
SPC-03-LR-XXCDFM SOURCE-SPC-03-LR-XXCDFM Datasheet
268Kb / 9P
   Up to 80km transmission on SMF
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-03-EBX-IDFM SOURCE-SPL-35-03-EBX-IDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
logo
Level One
SFP-6141 LVL1-SFP-6141 Datasheet
1Mb / 4P
   10Gbps SMF SFP-Plus Transceiver 40km
SFP-4240 LVL1-SFP-4240 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com