Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-34-GB-BX-IDFM Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPL-34-GB-BX-IDFM
Description  SPL-43-GB-BX-IDFM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BX-IDFM Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPL-34-GB-BX-IDFM Datasheet HTML 1Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-34-GB-BX-IDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPL-34-GB-BX-IDFM
SPL-43-GB-BX-IDFM
DS-6541 Rev 02 2013-9-13
Table 5 – Optical Characteristics: SPL-43-GB-BX-IDFM
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1480
1490
1500
nm
Average Output Power
P0UT
-9
-6
-3
dBm
1
Spectral Width (-20dB)
∆λ
0.88
nm
Extinction Ratio
EX
6
dB
Side Mode Suppression Ratio
30
dB
Rise/Fall Time (20%~80%)
tr /tf
0.26
ns
Deterministic Jitter
DJ
200
ps
Total Jitter
TJ
385
ps
Optical Eye Mask
IEEE 802.3ah Compatible
2
Receiver
Centre Wavelength
λC
1260
1310
1360
nm
Receiver Sensitivity
PIN
-19.5
dBm
3
Receiver Overload
PIN
-3
dBm
3
LOS Assert
LOSA
-35
dBm
LOS Deassert
LOSD
-20
dBm
LOS Hysteresis
0.5
5
dB
Notes:
1. The optical power is launched into SMF.
2. Measured with a PRBS 2
7-1 test pattern @1.25Gbps.
3. Measured with a PRBS 2
7 –1 test pattern@1.25Gbps, BER≤1×10-12.
Electrical Characteristics
Table 6 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Data Input Swing Differential
VIN
500
2400
mV
1
Input Differential Impedance
ZIN
80
100
120
Tx_DIS Disable
VD
2.0
VCC
V
Tx_DIS Enable
VEN
GND
GND+0.8
V
TX_ Fault (Fault)
2.0
Vcc+0.3
V
TX_ Fault (Normal)
0
0.8
V
Receiver
Data Output Swing Differential
VOUT
370
1600
mV
1


Similar Part No. - SPL-34-GB-BX-IDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDA SOURCE-SPL-34-GB-BX-CDA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CDC SOURCE-SPL-34-GB-BX-CDC Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNC SOURCE-SPL-34-GB-BX-CNC Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-34-GB-BX-IDFM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
BPRV2125A FINISAR-BPRV2125A Datasheet
542Kb / 5P
   43 Gb/s Balanced Photoreceiver
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Finisar Corporation.
XPRV2022A FINISAR-XPRV2022A Datasheet
570Kb / 5P
   43 Gb/s High Gain Photoreceiver
XPRV2021A FINISAR-XPRV2021A Datasheet
218Kb / 5P
   43 Gb/s High Bandwidth Photoreceiver
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier with PLD
logo
Infineon Technologies A...
SP000091118 INFINEON-SP000091118 Datasheet
131Kb / 2P
   Laser diode SPL – PL90
2012-06-14 Revision: 2.2
logo
Pulse A Technitrol Comp...
B2013NL PULSE-B2013NL Datasheet
82Kb / 1P
   CHK,SGL,ADSL,LA,SPL,9MH
logo
PHOENIX CONTACT
2885595 PHOENIX-2885595 Datasheet
93Kb / 3P
   RAD-ISM-2400-SPL-2-SMA
logo
Sharma Electro Componen...
BX SHARMA-BX Datasheet
334Kb / 2P
   BX Series
logo
Pulse A Technitrol Comp...
B2013FNL PULSE-B2013FNL Datasheet
201Kb / 1P
   CHL, SGL, ADSL, LA, SPL, 9MH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com