Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-35-MR-IR1-XDFQ Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPL-35-MR-IR1-XDFQ
Description  614.4M-2.5Gb/s bi-directional data links
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-35-MR-IR1-XDFQ Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button SPL-35-MR-IR1-XDFQ Datasheet HTML 2Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 3Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 4Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 5Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 6Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 7Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 8Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 9Page - Source Photonics, Inc. SPL-35-MR-IR1-XDFQ Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPL-35-MR-IR1-xDFQ
SPL-53-MR-IR1-xDFQ
DS-7489 Rev 00 2013-9-22
20—35
16
Vendor name
53 4F 55 52 43 45 50 48
4F 54 4F 4E 49 43 53 20
“SOURCEPHOTONICS”(ASC )
36
1
Reserved
00
37—39
3
Vendor OUI
00 1F 22
40—55
16
Vendor PN
53 50 4C xx 4D 52 49 52
31 xx 44 46 51 20 20
“SPLxxMRIR1xDFQ” (xx means 35/53)
56—59
4
Vendor rev
31 30 20 20
ASCⅡ( “31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
05 1E/06 0E
1310/1550nm
62
1
Reserved
00
63
1
CC_BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
02
67
1
BR, min
4B
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCⅡ
84—91
8
Vendor date codexx xx xx xx xx xx 30 31
Year(2 bytes), Month(2 bytes), Day (2 bytes)
92
1
Diagnostic type 58
Diagnostics(External Calibration)
93
1
Enhanced option B0
Diagnostics (Optional Alarm/warning flags,
Soft
TX_FAULT
and
Soft
TX_LOS
monitoring)
94
1
SFF-8472
02
Diagnostics(SFF-8472 Rev 9.5)
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96-127
32
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes
use of the 8 bit address 1010001X (A2h). Please see Figure 4. For detail EEPROM information, please refer to the
related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 9.


Similar Part No. - SPL-35-MR-IR1-XDFQ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-MR-IR1-CDA SOURCE-SPL-35-MR-IR1-CDA Datasheet
515Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-35-MR-IR1-CNA SOURCE-SPL-35-MR-IR1-CNA Datasheet
515Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-35-MR-IR1-TDA SOURCE-SPL-35-MR-IR1-TDA Datasheet
515Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
SPL-35-MR-IR1-TNA SOURCE-SPL-35-MR-IR1-TNA Datasheet
515Kb / 7P
   SFP Bi-Directional Transceiver Preliminary
More results

Similar Description - SPL-35-MR-IR1-XDFQ

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
   614.4M - 2.5Gb/s bi-directional data links
SPL-34-MR-IR2-IDFM SOURCE-SPL-34-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
logo
Elite Semiconductor Mem...
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
   Bi-directional Data Transfer Protocol
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
   Bi-directional data strobe (DQS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com