Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLC-35-FE-BX Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SPLC-35-FE-BX
Description  CSFP Compact SFP Bi-Directional Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPLC-35-FE-BX Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SPLC-35-FE-BX Datasheet HTML 1Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 2Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 3Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 4Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 5Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 6Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 7Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 8Page - Source Photonics, Inc. SPLC-35-FE-BX Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
- 5 -
Preliminary Datasheet
SPLC-35-FE-BX
CSFP Compact SFP Bi-Directional Transceiver
DS-6319
Rev 04
2012-07-31
Table 8 – EEPROM Serial ID (A0h for Channel 1; B0h for Channel 2)
Name of Field
Description of Field
Address
Hex
ASCII
Reserved
Reserved
36
00
Vendor OUI
SFP vendor IEEE company ID for
Source Photonics Inc.
37
00
38
1F
39
22
Vendor P/N
Part number in ASCII, e.g.
SPLC35FEBXCDFA
40
53
S
41
50
P
42
4C
L
43
43
C
44
33
3
45
35
5
46
46
F
47
45
E
48
42
B
49
58
X
50
43
C
51
44
D
52
46
F
53
41
A
54
20
[Space]
55
20
[Space]
Vendor Rev.
Revision level for part number provide by
vendor (ASCII)
56
31
57
30
58
20
59
20
Wavelength
1310nm
60
05
61
1E
Reserved
Reserved
62
00
CC_BASE
Check code for Base ID Fields
(addresses 0 to 62)
63
xx
Options
Indicates which optional transceiver signals
are implemented
64
00
65
1A


Similar Part No. - SPLC-35-FE-BX

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-34-GB-BX SOURCE-SPLC-34-GB-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
More results

Similar Description - SPLC-35-FE-BX

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-34-GB-BX SOURCE-SPLC-34-GB-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com