Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP200-62DL Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP200-62DL
Description  IPC PSU
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP200-62DL Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP200-62DL_15 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
FSP200-62DL(24V) is an industrial level of switching power
supply. The power supply comes to offer the total power
capacity up to 200 Watts, and uses unique active PFC
(Power Factor C orrection) circuit design with its high-load
electrical components, makes it to be perfectly used in an
industrial environment. In addition, with its full range of
input and output electrical features, the power supply is
ideally the best choice for server, workstation,
communication or any other automation applications to
use. The product also complies with the latest safety and
EMC standards, which is perfectly to meet various
regulations worldwide.
APPLICATION
For standard, advanced server, communication and
industrial power system.
FEATURES
Low Ripple & Noise
Output over voltage protection
Short circuit protection on all outputs
Resetable power shut down 100% burn-in under high
ambient temperature(50)
Vacuum-impregnated transformer
MTBF:100K hours at 25
100% Hi-pot tested line input fuse protection
W ATTAGE
Wattage:
200W
DIMENSION
Dimension:
150mm(L) x 81.5mm(W) x
40.5mm(H)
PRODUCT HIGHLIGHT
Efficiency Lev el:
NON-80PLUS
Altitude:
2000M
PMBus:
For standard, advanced server,
communication and industrial
power system.
INPUT SPECIFICATION
Input Range:
-18--36 Vdc
Input Current:
15A
GENERAL SPECIFICATION
Voltage
Regulation:
+3.3V, +12V, +5V, +5SB: ±5%
-12V, -5V: ±10%
PWOK Delay Time:
500ms > PWOK > 100ms
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ouput Voltage
Regulation:
+3.3Vdc output : +3.7 Vdc
minimum, + 4.1Vdc
maximum
+5Vdc output : +5.7 Vdc
minimum, + 6.5Vdc
maximum
+12Vdc output : +13.1 Vdc
minimum, + 14.5Vdc
maximum
Output Rise Time:
DC input -24V 5V 20ms
Maximum
DC input -24V 3.3V 20ms
Maximum
DC input -24V 12V 20ms
Maximum
Ripple & Noise:
3.3V:50mV
5V:50mV p-p
12V1:120mV p-p
-12V:120mV p-p
5Vsb:50mV p-p
Ov er Current Protection:
+5V-----13.2~18A
+12V---17.6~24A
+3.3V--13.2~18A
Short Circuit Protection:
load < 0.1 Ohm
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Storage Temperature: -
20°C to + 80
MTBF :
The power supply have a
minimum predicted
MTBF(MIL-HDBK-217) of
100,000 hours of continuous
operation at 25,
maximum-output load, and
nominal AC inout voltage
*Output Voltage and C urrent Rating
+3.3V
+5V
+12V1
-12V
+5Vsb
Ripple-Noise(R-P) mV
50mV
50mV
120mV
120mV
50mV
Regulation Load %
±5%
±5%
±5%
±10%
±5%
Output Max.(A)
12A
12A
15.4A
0.5A
2A
Output Min.(A)
0A
1A
0.5A
0A
0A
NOTES
5V, 3.3V, 12V, -12V Will gave the regulation to 10% when all load take off.
The +3.3V and +5V total output shall not exceed 80 watts.
The total output shall not exceed 200 watts
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
IPC PSU
FSP200-62DL(24V)


Similar Part No. - FSP200-62DL_15

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
   Low noise and ripple
More results

Similar Description - FSP200-62DL_15

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP200-61DL FSP-FSP200-61DL_15 Datasheet
81Kb / 1P
   IPC PSU
FSP150-50LG FSP-FSP150-50LG Datasheet
147Kb / 1P
   IPC PSU
FSP150-50LE FSP-FSP150-50LE Datasheet
150Kb / 1P
   IPC PSU
FSP220-60LE FSP-FSP220-60LE Datasheet
155Kb / 1P
   IPC PSU
FSP250-20FGGBC FSP-FSP250-20FGGBC_15 Datasheet
81Kb / 1P
   IPC PSU
FSP200-60PLC FSP-FSP200-60PLC_15 Datasheet
138Kb / 1P
   IPC PSU
FSP200-50LG FSP-FSP200-50LG_15 Datasheet
152Kb / 1P
   IPC PSU
FSP220-50LH FSP-FSP220-50LH Datasheet
152Kb / 1P
   IPC PSU
FSP150-50LH FSP-FSP150-50LH_15 Datasheet
153Kb / 1P
   IPC PSU
FSP220-20FGBBD FSP-FSP220-20FGBBD Datasheet
81Kb / 1P
   IPC PSU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com