Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR5103NT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTR5103NT1G
Description  N?묬hannel Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR5103NT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTR5103NT1G Datasheet HTML 1Page - ON Semiconductor NTR5103NT1G Datasheet HTML 2Page - ON Semiconductor NTR5103NT1G Datasheet HTML 3Page - ON Semiconductor NTR5103NT1G Datasheet HTML 4Page - ON Semiconductor NTR5103NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTR5103N
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
6
4
2
0
0
0.4
0.8
1.2
1.6
2.0
6
4
2
0
0
0.4
0.8
1.2
Figure 3. On−Resistance vs. Drain Current and
Temperature
Figure 4. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
2.4
Figure 5. On−Resistance vs. Gate−to−Source
Voltage
Figure 6. On−Resistance Variation with
Temperature
VGS, GATE−TO−SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
10
8
6
4
2
0.4
0.8
1.2
1.6
125
100
75
50
25
0
−25
−50
0.6
1.0
1.4
1.8
2.2
VGS = 10 V
5.0 V
7.0 V
8.0 V
9.0 V
4.5 V
4.0 V
6.0 V
3.5 V
3.0 V
2.5 V
2.0 V
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
VGS = 4.5 V
ID, DRAIN CURRENT (A)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
2.4
TJ = −55°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
VGS = 10 V
ID = 250 mA
ID = 75 mA
150
ID = 0.2 A
VGS = 4.5 V
VGS = 10 V


Similar Part No. - NTR5103NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR5103NT1G ONSEMI-NTR5103NT1G Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
More results

Similar Description - NTR5103NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVA4153N ONSEMI-NVA4153N Datasheet
81Kb / 6P
   Single N?묬hannel Small Signal MOSFET
June, 2014 ??Rev. 0
NTZD3158P ONSEMI-NTZD3158P Datasheet
110Kb / 5P
   Dual P?묬hannel Small Signal MOSFET
April, 2013 ??Rev. 0
NTZD3154N ONSEMI-NTZD3154N Datasheet
139Kb / 5P
   Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
March, 2006 ??Rev. 1
VN2410L ONSEMI-VN2410L Datasheet
120Kb / 3P
   Small Signal MOSFET 240 V, 200 mA, N?묬hannel TO??2
January, 2009 ??Rev. 5
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
logo
Leshan Radio Company
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
   Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003N ONSEMI-NTR4003N Datasheet
67Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com