Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVGS3130NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVGS3130NT1G
Description  Single N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVGS3130NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NVGS3130NT1G Datasheet HTML 1Page - ON Semiconductor NVGS3130NT1G Datasheet HTML 2Page - ON Semiconductor NVGS3130NT1G Datasheet HTML 3Page - ON Semiconductor NVGS3130NT1G Datasheet HTML 4Page - ON Semiconductor NVGS3130NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NVGS3130N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Gate−To−Source and Drain−To−Source
Voltage vs. Total Charge
Figure 8. Diode Forward Voltage vs. Current
Figure 9. Maximum Rated Forward Biased
Safe Operating Area
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.1
10
1.0
VGS = 0 V
25
°C
125
°C
TJ = −55°C
QG, TOTAL GATE CHARGE (nC)
ID = 5.6 A
TJ = 25°C
VGS
QGS
QGD
QT
VDS
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 8 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
0.1
0.01
Figure 10. Single Pulse Maximum Power
Dissipation
SINGLE PULSE TIME (s)
1000
10
0
0
1
5
SINGLE PULSE
RqJA = 110°C/W
TA = 25°C
0
1
2
4
5
3
6
14
12
10
8
6
4
2
0
VDS = 16 V
VDS = 5 V
0
2
4
8
10
6
12
14
16
18
0.2
100
1
2
3
4
Figure 11. Thermal Response
t, TIME (s)
1
0.001
SINGLE PULSE
100
1000
10
0.1
0.001
0.0001
0.000001
0.01
0.1
1
0.01
0.00001
0.2
0.02
D = 0.5
0.05
0.01
0.1


Similar Part No. - NVGS3130NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVGS3130NT1G ONSEMI-NVGS3130NT1G Datasheet
120Kb / 6P
   Power MOSFET
August, 2014 ??Rev. 1
More results

Similar Description - NVGS3130NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com