Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS6B14NT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS6B14NT1G
Description  Single N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B14NT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS6B14NT1G Datasheet HTML 1Page - ON Semiconductor NVMFS6B14NT1G Datasheet HTML 2Page - ON Semiconductor NVMFS6B14NT1G Datasheet HTML 3Page - ON Semiconductor NVMFS6B14NT1G Datasheet HTML 4Page - ON Semiconductor NVMFS6B14NT1G Datasheet HTML 5Page - ON Semiconductor NVMFS6B14NT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS6B14N
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
100
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
80
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 80 V
TJ = 25°C
10
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 16 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
2.0
4.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
−8.5
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 20 A
12.2
15
m
W
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 50 V
1300
pF
Output Capacitance
COSS
260
Reverse Transfer Capacitance
CRSS
18
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 50 V; ID = 20 A
20
nC
Threshold Gate Charge
QG(TH)
2.2
Gate−to−Source Charge
QGS
6.4
Gate−to−Drain Charge
QGD
6.5
Plateau Voltage
VGP
5.4
V
Gate Resistance
RG
TJ = 25°C
1.0
W
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 50 V,
ID = 20 A, RG = 1.0 W
9.6
ns
Rise Time
tr
39
Turn−Off Delay Time
td(OFF)
16.6
Fall Time
tf
6.8
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 20 A
TJ = 25°C
0.83
1.2
V
TJ = 125°C
0.8
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 20 A
45
ns
Charge Time
ta
23
Discharge Time
tb
22
Reverse Recovery Charge
QRR
50
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVMFS6B14NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B14NL ONSEMI-NVMFS6B14NL Datasheet
85Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 1
NVMFS6B14NLT1G ONSEMI-NVMFS6B14NLT1G Datasheet
85Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 1
NVMFS6B14NLT3G ONSEMI-NVMFS6B14NLT3G Datasheet
85Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 1
NVMFS6B14NLWFT1G ONSEMI-NVMFS6B14NLWFT1G Datasheet
85Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 1
NVMFS6B14NLWFT3G ONSEMI-NVMFS6B14NLWFT3G Datasheet
85Kb / 6P
   Power MOSFET
January, 2016 ??Rev. 1
More results

Similar Description - NVMFS6B14NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com