Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVTFS4C13N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVTFS4C13N
Description  Single N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS4C13N Datasheet(HTML) 1 Page - ON Semiconductor

  NVTFS4C13N Datasheet HTML 1Page - ON Semiconductor NVTFS4C13N Datasheet HTML 2Page - ON Semiconductor NVTFS4C13N Datasheet HTML 3Page - ON Semiconductor NVTFS4C13N Datasheet HTML 4Page - ON Semiconductor NVTFS4C13N Datasheet HTML 5Page - ON Semiconductor NVTFS4C13N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 1
1
Publication Order Number:
NVTFS4C13N/D
NVTFS4C13N
Power MOSFET
30 V, 9.4 m
W, 40 A, Single N−Channel,
m8FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
NVTFS4C13NWF − Wettable Flanks Product
NVT Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Notes 1, 2, 4)
Steady
State
TA = 25°C
ID
14
A
TA = 100°C
10
Power Dissipation RqJA
(Note 1, 2, 4)
TA = 25°C
PD
3.0
W
TA = 100°C
1.5
Continuous Drain
Current RqJC (Note 1,
3, 4)
TA = 25°C
ID
40
TA = 100°C
28
A
Power Dissipation
RqJC (Note 1, 3, 4)
TA = 25°C
PD
26
W
TA = 100°C
13
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
152
A
Operating Junction and Storage Temperature
TJ,
Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
24
A
Single Pulse Drain−to−Source Avalanche Energy
(TJ = 25°C, IL = 14 Apk, L = 0.1 mH)
EAS
10
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Drain)
(Notes 1 and 4)
RqJC
5.8
°C/W
Junction−to−Ambient – Steady State
(Notes 1 and 2)
RqJA
50
1. The entire application environment impacts the thermal resistance values
shown, they are not constants and are only valid for the particular conditions
noted.
2. Surface−mounted on FR4 board using a 650 mm2 2 oz. Cu pad.
3. Assumes heat−sink sufficiently large to maintain constant case temperature
independent of device power.
4. Continuous DC current rating. Maximum current for pulses as long as
1 second is higher but is dependent on pulse duration and duty cycle.
http://onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
9.4 m
W @ 10 V
40 A
14 m
W @ 4.5 V
N−CHANNEL MOSFET
G (4)
S (1,2,3)
D (5,6)
WDFN8
(
m8FL)
CASE 511AB
MARKING DIAGRAM
(Note: Microdot may be in either location)
1
1
XXXX
AYWW
G
G
D
D
D
D
S
S
S
G
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
4C13
= Specific Device Code for
NVMTS4C13N
13WF
= Specific Device Code of
NVTFS4C13NWF
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - NVTFS4C13N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS4C13N ONSEMI-NVTFS4C13N Datasheet
89Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 2
NVTFS4C13NTAG ONSEMI-NVTFS4C13NTAG Datasheet
89Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 2
NVTFS4C13NTWG ONSEMI-NVTFS4C13NTWG Datasheet
89Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 2
NVTFS4C13NWFTAG ONSEMI-NVTFS4C13NWFTAG Datasheet
89Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 2
NVTFS4C13NWFTWG ONSEMI-NVTFS4C13NWFTWG Datasheet
89Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 2
More results

Similar Description - NVTFS4C13N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com