Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P2189A Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCS3P2189A
Description  Spread Spectrum Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P2189A Datasheet(HTML) 2 Page - ON Semiconductor

  PCS3P2189A Datasheet HTML 1Page - ON Semiconductor PCS3P2189A Datasheet HTML 2Page - ON Semiconductor PCS3P2189A Datasheet HTML 3Page - ON Semiconductor PCS3P2189A Datasheet HTML 4Page - ON Semiconductor PCS3P2189A Datasheet HTML 5Page - ON Semiconductor PCS3P2189A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCS3P2189A
http://onsemi.com
2
Figure 1. Block Diagram
VSS
VDD
PLL
Loop
Filter
VCO
ModOUT
Output
Divider
S0
S1 SSON
Phase
Detector
Modulation
Frequency
Divider
Feedback
Divider
Crystal
Oscillator
XOUT
CLKIN / XIN
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
−0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS−0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS−0.5 to VDD+0.5
V
TSTG
Storage temperature
−55 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
CLKIN / XIN
I
Crystal connection or External reference Clock Input
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
SSON
I
Modulation enables pin. When HIGH enables spread spectrum modulation.
Has an Internal pull up resistor
4
S1
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull−up resistor.
5
S0
O
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull−up resistor.
6
VSS
P
Ground Connection. Connect to system ground.
7
ModOUT
O
Low EMI 4x clock output.
8
VDD
P
Power Supply Voltage Pin. Connect to +3.3 V.


Similar Part No. - PCS3P2189A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P2189A PULSECORE-PCS3P2189A Datasheet
323Kb / 7P
   Spread Spectrum Clock Generator
PCS3P2189A PULSECORE-PCS3P2189A Datasheet
295Kb / 7P
   Spread Spectrum Clock Generator
PCS3P2189AG-08TR PULSECORE-PCS3P2189AG-08TR Datasheet
323Kb / 7P
   Spread Spectrum Clock Generator
PCS3P2189AG-08TR PULSECORE-PCS3P2189AG-08TR Datasheet
295Kb / 7P
   Spread Spectrum Clock Generator
PCS3P2189AG-08TT PULSECORE-PCS3P2189AG-08TT Datasheet
323Kb / 7P
   Spread Spectrum Clock Generator
More results

Similar Description - PCS3P2189A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com