Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-106B-RT Datasheet(PDF) 1 Page - ON Semiconductor

Part # TCC-106B-RT
Description  Six-Output PTIC Control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-106B-RT Datasheet(HTML) 1 Page - ON Semiconductor

  TCC-106B-RT Datasheet HTML 1Page - ON Semiconductor TCC-106B-RT Datasheet HTML 2Page - ON Semiconductor TCC-106B-RT Datasheet HTML 3Page - ON Semiconductor TCC-106B-RT Datasheet HTML 4Page - ON Semiconductor TCC-106B-RT Datasheet HTML 5Page - ON Semiconductor TCC-106B-RT Datasheet HTML 6Page - ON Semiconductor TCC-106B-RT Datasheet HTML 7Page - ON Semiconductor TCC-106B-RT Datasheet HTML 8Page - ON Semiconductor TCC-106B-RT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 5
1
Publication Order Number:
TCC−106/D
TCC-106
Six-Output PTIC Control IC
Introduction
ON Semiconductor’s PTIC Controller IC is a six−output
high−voltage digital to analog control IC specifically designed to
control and bias ON Semiconductor’s Passive Tunable Integrated
Circuits (PTICs).
These tunable capacitive circuits are intended for use in mobile
phones and dedicated RF tuning applications. The implementation of
ON Semiconductor’s tunable circuits in mobile phones enables
significant improvement in terms of antenna radiated performance.
The tunable capacitors are controlled through a bias voltage ranging
from 2 V to 20 V. The TCC−106 high−voltage PTIC control IC has
been specifically designed to cover this need, providing six
independent high−voltage outputs that control up to six different
tunable PTICs in parallel. The device is fully controlled through a
multi−protocol digital interface.
Key Features
Controls ON Semiconductor’s PTIC Tunable Capacitors
Compliant with Timing Needs of Cellular and Other Wireless System
Requirements
Integrated Boost Converter with 6 Programmable Outputs
(up to 24 V)
Low Power Consumption
Auto−detection of SPI (30− or 32−bit) or MIPI RFFE Interfaces
(1.2 V or 1.8 V)
Available in WLCSP (RDL ball arrays) and for Stand−alone or
Module Integration
This is a Pb−Free Device
Typical Applications
Multi−band, Multi−standard, Advanced and Simple Mobile Phones
Tunable Antenna Matching Networks
Compatible with Closed−loop and Open−loop Antenna Tuner
Applications
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 23 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
RDL Ball Array
CASE 567HL
RDL
TC6x
ALYW
TC6
= Product Code
x
= MIPI ID
A
= Assembly Location
L
= Wafer Lot Code
Y
= Year Code
W
= Week Code
O
= Pin 1 Marker


Similar Part No. - TCC-106B-RT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
More results

Similar Description - TCC-106B-RT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
International Rectifier
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com