Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-35 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-35
Description  35W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-35 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LRS-35 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-35 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-35 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-35 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial automation machinery
Industrial control system
Mechanical and electrical equipment
■ Features
■ Applications
35W Single Output Switching Power Supply
LRS-35 series
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
■ Model Encoding
easily meet the worldwide energy requirement. LRS-35 has the complete protection functions and 5G anti-
vibration capability; it is complied with the international safety regulations such as TUV EN60950-1,
EN60335-1,EN61558-1/-2-16, UL60950-1 and GB4943. LRS-35 series serves as a high price-to-
performance power supply solution for various industrial applications.
File Name:LRS-35-SPEC 2015-12-31
Output voltage
Output wattage
Series name
LRS
-
-35
5
■ Description
LRS-35 series is a 35W single-output enclosed type power supply with 30mm of low profile design. Adopting
the full range 85~264VAC input, the entire series provides an output voltage line of 5V, 12V, 15V, 24V,
36V and 48V.
In addition to the high efficiency up to 89%, the design of metallic mesh case enhances the heat dissipation
of LRS-35 that the whole series operates from -30 through 70 under air convection without a fan.
℃℃
Delivering an extremely low no load power consumption (less than 0.2W), it allows the end system to
apparatus
Electronic instruments, equipments or
Household appliances
Universal AC input / Full range
Withstand 300VAC surge input for 5 second
No load power consumption<0.2W
Miniature size and 1U low profile
High operating temperature up to 70℃
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Compliance to IEC/EN 60335-1(PD3) and
IEC/EN61558-1, -2-16 for household appliances
Operating altitude up to 5000 meters (Note.8)
Withstand 5G vibration test
High efficiency, long life and high reliability
LED indicator for power on
100% full load burn-in test
3 years warranty


Similar Part No. - LRS-35

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-12 MEANWELL-LRS-350-12 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-15 MEANWELL-LRS-350-15 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-24 MEANWELL-LRS-350-24 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-3.3 MEANWELL-LRS-350-3.3 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
More results

Similar Description - LRS-35

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com