Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-35-36 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-35-36
Description  35W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-35-36 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LRS-35-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-35-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-35-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-35-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
Case No.239A
Unit:mm
Terminal Pin No. Assignment
Pin No.
Pin No.
1
2
4
3
5
Assignment
Assignment
DC OUTPUT -V
DC OUTPUT +V
FG
AC/L
AC/N
ψ
3.5
10
74
6.5
90
4
5
3
2
1
4.5
92.5
20.5
55
99
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
35W Single Output Switching Power Supply
LRS-35 series
File Name:LRS-35-SPEC 2015-12-31


Similar Part No. - LRS-35-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-12 MEANWELL-LRS-350-12 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-15 MEANWELL-LRS-350-15 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-24 MEANWELL-LRS-350-24 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
LRS-350-3.3 MEANWELL-LRS-350-3.3 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
More results

Similar Description - LRS-35-36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com