Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-100-3.3 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-100-3.3
Description  100W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-100-3.3 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LRS-100-3.3 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-100-3.3 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-100-3.3 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-100-3.3 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Model Encoding
■ Description
Universal AC input / Full range
Withstand 300VAC surge input for 5 second
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Miniature size and 1U low profile
Operating altitude up to 5000 meters (Note.7)
Withstand 5G vibration test
LED indicator for power on
No load power consumption<0.3W
100% full load burn-in test
High operating temperature up to 70℃
High efficiency, long life and high reliability
3 years warranty
Industrial automation machinery
Industrial control system
Mechanical and electrical equipment
Electronic instruments, equipments or
apparatus
■ Features
■ Applications
100W Single Output Switching Power Supply
LRS-100 series
Output voltage
Output wattage
Series name
LRS
-
- 100 3.3
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
easily meet the worldwide energy requirement. LRS-100 has the complete protection functions and 5G anti-
LRS-100 series is a 100W single-output enclosed type power supply with 30mm of low profile design. Adopting
the full range 85~264VAC input, the entire series provides an output voltage line of 3.3V, 5V, 12V, 15V,
24V, 36V and 48V.
In addition to the high efficiency up to 91%, the design of metallic mesh case enhances the heat dissipation
of LRS-100 that the whole series operates from -30 through 70 under air convection without a fan.
℃℃
Delivering an extremely low no load power consumption (less than 0.3W), it allows the end system to
vibration capability; it is complied with the international safety regulations such as TUV EN60950-1,
EN60335-1,EN61558-1/-2-16, UL60950-1
and GB4943. LRS-100 series serves as a high price-to-
performance power supply solution for various industrial applications.
Household appliances
IEC/EN61558-1, 2-16 for household appliances
Compliance to IEC/EN 60335-1(PD3) and
File Name:LRS-100-SPEC 2015-12-31


Similar Part No. - LRS-100-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-12 MEANWELL-LRS-100N2-12 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-24 MEANWELL-LRS-100N2-24 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-36 MEANWELL-LRS-100N2-36 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-48 MEANWELL-LRS-100N2-48 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
More results

Similar Description - LRS-100-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com