Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-100-5 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-100-5
Description  100W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-100-5 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LRS-100-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-100-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-100-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-100-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
O.L.P.
100W Single Output Switching Power Supply
LRS-100 series
File Name:LRS-100-SPEC 2015-12-31
Static Characteristics
AMBIENT TEMPERATURE ( )
-30
0
20
10
30
40 45
20
40
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
Others
3.3V,5V
(HORIZONTAL)
Derating Curve
Block Diagram
fosc : 65KHz
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.


Similar Part No. - LRS-100-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-12 MEANWELL-LRS-100N2-12 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-24 MEANWELL-LRS-100N2-24 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-36 MEANWELL-LRS-100N2-36 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-48 MEANWELL-LRS-100N2-48 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
More results

Similar Description - LRS-100-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com