Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-150-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-150-48
Description  150W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-150-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LRS-150-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-150-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-150-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-150-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC input range selectable by switch
Withstand 300VAC surge input for 5 second
No load power consumption<0.5W
Miniature size and 1U low profile
High operating temperature up to 70℃
Protections: Short circuit / Overload / Over voltage /
Over temperature
Cooling by free air convection
Compliance to IEC/EN 60335-1(PD3) and
IEC/EN61558-1, 2-16 for household appliances
Operating altitude up to 5000 meters
Withstand 5G vibration test
High efficiency, long life and high reliability
LED indicator for power on
100% full load burn-in test
3 years warranty
Industrial automation machinery
Industrial control system
Mechanical and electrical equipment
Electronic instruments, equipments or
apparatus
■ Features
■ Applications
150W Single Output Switching Power Supply
LRS-150 series
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
■ Model Encoding
■ Description
File Name:LRS-150-SPEC 2015-12-31
Output voltage
Series name
LRS
-
- 150 12
easily meet the worldwide energy requirement. LRS-150 has the complete protection functions and 5G anti-
LRS-150 series is a 150W single-output enclosed type power supply with 30mm of low profile design.
Adopting the input of 115VAC or 230VAC(selectable by switch), the entire series provides an output voltage
line of 12V, 15V, 24V, 36V and 48V.
In addition to the high efficiency up to 90%, the design of metallic mesh case enhances the heat dissipation
of LRS-150 that the whole series operates from -30 through 70 under air convection without a fan.
℃℃
Delivering an extremely low no load power consumption (less than 0.5W), it allows the end system to
Output wattage
vibration capability; it is complied with the international safety regulations such as TUV EN60950-1,
EN60335-1,EN61558-1/-2-16, UL60950-1
and GB4943. LRS-150 series serves as a high price-to-
performance power supply solution for various industrial applications.
Household appliances


Similar Part No. - LRS-150-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-12 MEANWELL-LRS-150F-12 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-15 MEANWELL-LRS-150F-15 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-24 MEANWELL-LRS-150F-24 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-36 MEANWELL-LRS-150F-36 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
More results

Similar Description - LRS-150-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com