Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-200-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-200-24
Description  200W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-200-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LRS-200-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-200-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-200-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-200-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Features
■ Applications
200W Single Output Switching Power Supply
LRS-200 series
AC input range selectable by switch
Withstand 300VAC surge input for 5 second
Protections: Short circuit / Overload / Over voltage /
Over temperature
Cooling by free air convection
1U low profile
Withstand 5G vibration test
LED indicator for power on
No load power consumption<0.75W
100% full load burn-in test
High operating temperature up to 70℃
Operating altitude up to 5000 meters (Note.8)
High efficiency, long life and high reliability
3 years warranty
Industrial automation machinery
Industrial control system
Mechanical and electrical equipment
Electronic instruments, equipments or
apparatus
■ Model Encoding
■ Description
Output voltage
Output power
Series name
LRS
-
- 200 3.3
easily meet the worldwide energy requirement. LRS-200 has the complete protection functions and 5G anti-
vibration capability; it is complied with the international safety regulations such as UL 60950-1.
LRS-200 series serves as a high price-to-performance power supply solution for various industrial
applications.
LRS-200 series is a 200W single-output enclosed type power supply with 30mm of low profile design. Adopting
the input of 115VAC or 230VAC (select by switch), the entire series provides an output voltage line of 3.3V,
4.2V, 5V, 12V, 15V, 24V, 36V and 48V.
In addition to the high efficiency up to 90%, the design of metallic mesh case enhances the heat dissipation
of LRS-200 that the whole series operates from -25 through 70 under air convection without a fan.
℃℃
Delivering an extremely low no load power consumption (less than 0.75W), it allows the end system to
File Name:LRS-200-SPEC 2015-12-31


Similar Part No. - LRS-200-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-200N2 MEANWELL-LRS-200N2 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-12 MEANWELL-LRS-200N2-12 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-24 MEANWELL-LRS-200N2-24 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-36 MEANWELL-LRS-200N2-36 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
LRS-200N2-48 MEANWELL-LRS-200N2-48 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
More results

Similar Description - LRS-200-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
ERP-200 MEANWELL-ERP-200 Datasheet
521Kb / 5P
   200W Single Output Switching Power Supply
NES-200 MEANWELL-NES-200 Datasheet
293Kb / 2P
   200W Single Output Switching Power Supply
NES-200_1104 MEANWELL-NES-200_1104 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
LRS-200N2 MEANWELL-LRS-200N2 Datasheet
185Kb / 5P
   200W Single Output Switching Power Supply
2023-07-14
SE-200 MEANWELL-SE-200 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
SE-200 MEANWELL-SE-200_12 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
HSN-200 MEANWELL-HSN-200 Datasheet
143Kb / 3P
   200W Single Output Switching Power Supply
S-201 MEANWELL-S-201 Datasheet
325Kb / 2P
   200W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com