Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OWA-60E-20 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-60E-20
Description  60W Single Output Moistureproof Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-60E-20 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  OWA-60E-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-60E-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-60E-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-60E-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Model Encoding
■ Description
OWA-60E is a 60W AC/DC, class
(no FG) external power supply series pinpointingthe
moistureproof
feature. The fully-potted silicone inside the plastic enclosure enhances the heat
dissipation; it also benefits that the power body of OWA-60E achieves P67 level so that this
I
series specializes the application in which the damp, humidity or dust resistance is needed for
the external power supply. OWA-60E follows the latest energy efficiency demand, and is compliant
with EU ErP and meets Code of Conduct(CoC) Version 5; the no load power consumption is less
than 0.15W. It is certified with EN 61558-2-16; moreover, the compliance to EN 60335-1 for selected
OWA-60E adopts the universal input range from 90VAC to 264VAC. With the working efficiency up to 91%,
OWA-60E is cooled by free air convection; the workingtemperature ranges from -35 to +70 .
℃℃
Universal AC input / Full range
High efficiency up to 91%
No load power consumption <0.15W
Comply with EU ErP and CoC Version 5
Protections: Short circuit / Overload /
Over voltage / Over temperature
Class
power unit, no FG
Fully isolated plastic case
Fanless design, cooling by free air convection
5 years warranty
Robotic lawn mower
Household appliance
Battery charging
General electronic products in dusty or
humid environment
■ Features
■ Applications
60W Single Output Moistureproof Adaptor
OWA-60E series
Output voltage
European type of AC plug
Output wattage
Series name
File Name:OWA-60E-SPEC 2015-04-15
-
E12
OWA - 60
models can greatly simplify the system design such as household appliances.
IP67
( for power body )


Similar Part No. - OWA-60E-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-12 MEANWELL-OWA-60U-12 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-15 MEANWELL-OWA-60U-15 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-20 MEANWELL-OWA-60U-20 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-24 MEANWELL-OWA-60U-24 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-60E-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-120U MEANWELL-OWA-120U Datasheet
104Kb / 5P
   120W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com