Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37470M4-716SP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37470M4-716SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37470M4-716SP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37470M4-716SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37470M4-716SP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
7470/7471 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
MEMORY
• Special Function Register (SFR) Area
The special function register (SFR) area contains the registers
relating to functions such as I/O ports and timers.
• RAM
RAM is used for data storage as well as a stack area.
• ROM
ROM is used for storing user programs as well as the interrupt
vector area.
• Interrupt Vector Area
The interrupt vector area is for storing jump destination ad-
dresses used at reset or when an interrupt is generated.
• Zero Page
Zero page addressing mode is useful because it enables access
to this area with fewer instruction cycles.
• Special Page
Special page addressing mode is useful because it enables ac-
cess to this area with fewer instruction cycles.
Fig. 2 Memory map
RAM (192 bytes)
for
M37470M8/E8
M37471M8/E8
SFR area
Not used
Interrupt vector area
000016
Zero page
Special page
RAM (128 bytes)
for
M37470M2
M37471M2
ROM
(16K bytes)
for
M37470M8/E8
M37471M8/E8
ROM
(8K bytes)
for
M37470M4/E8
M37471M4/E8
ROM
(4K bytes)
for
M37470M2
M37471M2
RAM (192 bytes)
for
M37470M4/E4
M37470M8/E8
M37471M4/E4
M37471M8/E8
Not used
007F16
00BF16
00FF16
010016
01BF16
C00016
E00016
F00016
FF0016
FFEA16
FFFF16


Similar Part No. - M37470M4-716SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37470M4-XXXSP RENESAS-M37470M4-XXXSP Datasheet
678Kb / 47P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37470M4-XXXSP RENESAS-M37470M4-XXXSP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37470M4-XXXSP RENESAS-M37470M4-XXXSP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results

Similar Description - M37470M4-716SP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com