Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2529 Datasheet(PDF) 3 Page - Powerbox

Part # C2529
Description  Overvoltage protection with auto restart
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C2529 Datasheet(HTML) 3 Page - Powerbox

  C2529 Datasheet HTML 1Page - Powerbox C2529 Datasheet HTML 2Page - Powerbox C2529 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Doc. No. PBC9 Rev.C 28-4-11
ENVIRONMENT
Option “t” (tropical protection):The unit is given additional protection by a heavy
coat of varnish on the printed circuit board(s) and components.
Option “c” (extended temperature range):The circuit is designed and tested for
operation at an ambient temperature as low as –40 °C.
Option “ms” (increased mechanical strength): Screws are secured by Locktite and
heavy components are fastened by ties and/or glue. Modules with the “ms” option
meet the standard EN61373 regarding shock and vibration.
MECHANICS
Standard mounting “Eurocassette” pluggable module for 19” sub-racks 84TE
Option “w” (wall mounting): Module is screwed against a mounting plate for
installation in a cabinet. The load connections are typically a terminal block.
Option “cha” (chassis mount) Module is designed for installation to a structure or
within cabinet. Screw type connectors are supplied with the module.
Option “din” (DIN rail mount) Module is designed for DIN rail mounting to a
structure or within Cabinet. Screw type connectors are supplied with the module.
PROGRAMMING / MONITORING- SERIES 6400
Programming of output voltage
and current from 0-100%
including isolation
By external signal, 0-10Vdc
e1
By external signal, 4-20mA
e2
Programming of output voltage
from 0-100%
By 270° potentiometer
eu3
By 10 turn potentiometer
eu4
Programming of output current
from 0-100%
By 270° potentiometer
ei3
By 10 turn potentiometer
ei4
Monitoring of output voltage
and current from 0-100%
including isolation
By external signal, 0-10Vdc
m1
By external signal, 4-20mA
m2
Remote on/off programming
and monitoring of output
voltage and current from
0-100% including isolation
By external signal, 0-10Vdc
em1
By external signal, 4-20mA
em2
Via RS232 and IEEE488
em3
Improved tolerance
Between reference (external
signal) and measured value /
between measured value and
displayed signal: voltage 0.2%
and current 0.5%.
tol
Euro Series
EURO OPTION SPECIFICA TIONS


Similar Part No. - C2529

ManufacturerPart #DatasheetDescription
logo
C&K Components
C252-8838-000H CK-COMPONENTS-C252-8838-000H Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
logo
Sumida Corporation
C252010DS SUMIDA-C252010DS Datasheet
264Kb / 3P
   SMD Power Inductor
C252010HPB-1R5 SUMIDA-C252010HPB-1R5 Datasheet
264Kb / 3P
   SMD Power Inductor
C252010HPB-2R2 SUMIDA-C252010HPB-2R2 Datasheet
264Kb / 3P
   SMD Power Inductor
C252010HPB-3R3 SUMIDA-C252010HPB-3R3 Datasheet
264Kb / 3P
   SMD Power Inductor
More results

Similar Description - C2529

ManufacturerPart #DatasheetDescription
logo
Powerbox
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
   Overvoltage protection with auto restart
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
   Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
   Short circuit protection with auto restart
July 2015 Rev 2
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
   Short-circuit protection with auto restart
September 2015 Rev 1
STEVAL-ILL076V2 STMICROELECTRONICS-STEVAL-ILL076V2 Datasheet
335Kb / 7P
   Short circuit protection with auto restart
September 2016 Rev 1
logo
List of Unclassifed Man...
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
   Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
   Auto Restart/Polarity Protection
logo
STMicroelectronics
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
   Short circuit protection with auto restart
September 2016 Rev 1
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
   Auto Restart/Polarity Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com