Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRC-24V60W1AZ Datasheet(PDF) 1 Page - Powerbox

Part # DRC-24V60W1AZ
Description  Double Isolation (No earth connection required)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DRC-24V60W1AZ Datasheet(HTML) 1 Page - Powerbox

  DRC-24V60W1AZ Datasheet HTML 1Page - Powerbox DRC-24V60W1AZ Datasheet HTML 2Page - Powerbox DRC-24V60W1AZ Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DRC Series
1 0 - 1 0 0 W A T T S A C / D C D I N R A I L
FEATURES
• 10W - 100W
• DIN rail mountable
• Protection Class II
• Double Isolation (No earth connection required)
• Universal AC input voltage and full power up to 55°C
• Efficiency > 89.0% 230VAC
• NEC Class 2/Limited Power Source (LPS) certified
• Overvoltage/Overcurrent/Over Temperature Protections
• International safety approvals to ITE and Industrial standard
SPECIFICATIONS
OUTPUT
Output Voltage
5V, 12V, 24V
Voltage Range
5Vdc, 4.75V - 5.25Vdc
12Vdc, 11.5V - 14.5Vdc
24Vdc, 20V - 24.8Vdc
Output Current
See Selection Table
Output Power
10W, 30W, 60W, 100W
Line Regulation
< 1% typ. (@ 90-264 Vac,100% load)
Load Regulation
< 2% typ. (@ 90-264 Vac,100% load)
PARD (20MHz)
< 150mVpp
Rise Time
< 100ms @ nominal input (100% load)
Start-up Time
< 3,000ms @ nominal input (100% load)
Hold-up Time
>30ms @ 230Vac (100% load)
Dynamic Response
± 5% @ 10 - 100% load
Start-up
3,000µF Max with Capacitive Loads
INPUT
Input Voltage
90-264Vac
Input Frequency
47-63Hz
Efficiency
> 82% @ 230Vac at 100% load
Input Current
DRC 10W: < 0.2A @230Vac
DRC 30W: < 0.60A @230Vac
DRC 60W: < 0.80A @230Vac
DRC 100W: < 1.0A @ 230Vac
Leakage Current
< 0.25mA @ 240Vac
PROTECTIONS
Overvoltage
17.4V & 34.8V+10% SELV Ouput,Latch-off Mode
Overload/Overcurrent
> 130% of rated load current, Hiccup Mode, Non-
Latching (Auto-Recovery)
Over Temperature
> 75C Surrounding Air Temperature @ 100% load,
Latch-off Mode
Short Circuit
Hiccup Mode, Non-Latching (Auto-Recovery) when
the fault is removed)
Degree of Protection
IP20
Protection against Shock Class 1 with Primary Earth connection
Galvanic Isolation
3.0KVac
MTBF
> 500,000 hrs as per Telcordia SR-332
MECHANICAL
Case Cover
Plastic
Dimensions / Weight
DRC 10W: 91 x 18 x 55.6mm, 0.065kg
DRC 30W: 91 x 53 x 55.6mm, 0.14kg
DRC 60W: 91 x 71 x 55.6mm, 0.24kg
DRC 100W: 91 x 89.9 x 55.6mm, 0.35kg
Indicator
Green LED (DC OK)
Cooling System
Convection
Input Terminal
2 Pins Rated 300V/25A (DRC10W 16A)
Output Terminal
4 Pins Rated 300V/25A (DRC10W 16A)
Input / Output Wire
DRC 10W: AWG 26-12
DRC 30W: AWG 24-12
DRC 60W: AWG 26-12
DRC 100W: AWG 22-12, AWG 24-12
Mounting Rail
TS35 DIN Rail in accordance with EN 60715
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A.
Safety
TUV Bauart to EN60950-1, UL/cUL recognized to
UL60950-1, CSA C22.2 No. 60950-1, CB scheme
to IEC 60950 - 1, Limited Power Source (LPS)
Industrial Control
UL/cUL listed to UL508 and CSA C22.2 No. 107.1-
01
CE
In conformance with EMC Directive 2004/108/EC
and Low Voltage Directive 2006/95/EC
Materials and Parts
RoHS Directive 2011/65/EU Compliant
EMC
CISPR 22, EN55022, FCC Title 47: Class A* IEC
61000-4-2, IEC 61000-4-3, IEC 61000-4-4, IEC
61000-4-5, IEC 61000-4-6, IEC 61000-4-8, IEC
61000-4-11, IEC 61000-4-12
Doc. No. DRC Series Rev.C 15-9-15


Similar Part No. - DRC-24V60W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRC-24V60W1AZ DELTA-DRC-24V60W1AZ Datasheet
1Mb / 11P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRC-24V60W1AZ

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
logo
Weidmuller
0474360000 WEIDMULLER-0474360000 Datasheet
67Kb / 3P
   Earth terminal, 2.5 mm짼, Screw connection
logo
THine Electronics, Inc.
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
   No External Clock Required.
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
   No External Clock Required
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
   No firmware development required
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
   No heatsink preheating required
logo
Silicon Laboratories
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
   No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
   No external matching required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com