Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB7C-0512R-SN Datasheet(PDF) 2 Page - Powerbox

Part # PBB7C-0512R-SN
Description  1 0 0 - 2 2 5W - A C / D C D U A L O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB7C-0512R-SN Datasheet(HTML) 2 Page - Powerbox

  PBB7C-0512R-SN Datasheet HTML 1Page - Powerbox PBB7C-0512R-SN Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Doc. No. PBC9 Rev.C 28-4-11
56
PBB7C Series
1 0 0 - 2 2 5 W A T T S - A C / D C D U A L O U T P U T
TECHNICAL ILLUSTRATIONS
PBB7C-M
PBB7C-R
PBB7C-E


Similar Part No. - PBB7C-0512R-SN

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB7A-B POWERBOX-PBB7A-B Datasheet
303Kb / 1P
   AC-DC PCB mounted 3 Watts
PBB7A-C POWERBOX-PBB7A-C Datasheet
307Kb / 1P
   AC-DC PCB mounted 5 Watts
PBB7A-D POWERBOX-PBB7A-D Datasheet
302Kb / 1P
   AC-DC PCB mounted 10 Watts
PBB7A-G POWERBOX-PBB7A-G Datasheet
303Kb / 1P
   AC-DC PCB mounted 25 Watts
More results

Similar Description - PBB7C-0512R-SN

ManufacturerPart #DatasheetDescription
logo
Powerbox
ACE POWERBOX-ACE Datasheet
405Kb / 5P
   3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
PBIC POWERBOX-PBIC Datasheet
966Kb / 4P
   1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com