Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBB7C-0536R-SN Datasheet(PDF) 1 Page - Powerbox

Part # PBB7C-0536R-SN
Description  1 0 0 - 2 2 5W - A C / D C D U A L O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB7C-0536R-SN Datasheet(HTML) 1 Page - Powerbox

  PBB7C-0536R-SN Datasheet HTML 1Page - Powerbox PBB7C-0536R-SN Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
55
PBB7C Series
1 0 0 - 2 2 5 W - A C / D C D U A L O U T P U T
FEATURES
Small and compact PCB construction
Power factor 0.99
Harmonic attenuator (Complies with
IEC61000-3-2)
Universal input voltage
(AC85~264VAC)
UL, C-UL recognized, TUV approved
Remote ON/OFF option
INPUT
Voltage
AC85-264V or DC120-370V.
Frequency
50/60, 47-63Hz or DC.
Inrush current
30A typ, AC200V, load 100%.
Current
0.7A typ AC200V load 100% for
100W units
Power factor:
0.93 typ AC200V
Leakage current
0.75mA max (60Hz according to IEC60950 and
DENTORI)
Efficiency:
80% typ
Isolation
Input-Output 3,000V AC, 1 minute, 50MΟηµ
Input FG 2,000V AC, 1 minute, 50MΟηµ
Output FG 500V AC, 1 minute, 50MΟηµ
OUTPUT
Voltage
See table.
Current
See table.
Power
100W to 225W.
Line regulation
0.4% max.
Load regulation
0.8% max.
Ripple
V1: 120-300mVp-p max, 0 to +50°C.
V2: 150-240mVp-p max, 0 to +50°C.
Temperature regulation
V1: 50mV max, 0 to +50°C.
Drift
0.4% max.
Start-up time
V1: 250ms max; V2: 500ms max
Hold-up time
V1: 40ms typ; V2: 20ms max
Output voltage adjust
V1: 2.8-3.6V / 4.5-5.5V , V2 fixed.
Overcurrent protection
V1: Works over 105% of rating current and
recovers automatically.
V2: Works over 101% of peak current and
recovers automatically.
Overvoltage protection
V1: Works over 115% of rating, by zener diode
clamping.
V2: Works over 115-140% of rating.
Remote on/off
Optional.
ENVIRONMENTAL
Operating temperature
-10 to +70°C, consult sales office for details
Operating humidity
20-90% RH
Vibration
10-55Hz, 2G, 3 minutes period, 60 minutes
each X, Y and Z axis.
Impact
20G, 11ms, once each X, Y and Z axis.
STANDARDS
Safety standards
UL60950-1, C-UL recognised, TUV approved,
Complies with DEN-AN.
AS/NZS CISPR11 Group 1 Class A.
EMC standards
EN61204-3, EN61000-6-2,
EN61000-4-2,-3,-4,-5,-6,-8,-11
EMI standards
Complies with FCC-B, CISPR22-B, EN55011-B,
EN55022-B, VCCI-B
CE marking
Complies with LVD and EMC Directives
MODEL
NUMBER
OUTPUT 1
OUTPUT 2
MAX
VNOM
VNOM
VNOM
INOM
IPEAK
POWER
PBB7C-0512M-SN
5V
5A
12V
5A
10A
100W
PBB7C-0324M-SN
3.3V
5A
24V
4A
7A
100W
PBB7C-0524M-SN
5V
5A
24V
4A
17A
100W
PBB7C-0530M-SN
5V
5A
30V
3.2A
5.6A
100W
PBB7C-0536M-SN
5V
5A
36V
2.7A
4.7A
100W
PBB7C-0512R-SN
5V
5A
12V
7.5A
14A
150W
PBB7C-0324R-SN
3.3V
5A
24V
6A
10A
150W
PBB7C-0524R-SN
5V
5A
24V
6A
10A
150W
PBB7C-0530R-SN
5V
5A
30V
4.8A
8A
150W
PBB7C-0536R-SN
5V
5A
36V
4A
6.7A
150W
PBB7C-0512E-SN
5V
5A
12V
10A
20A
225W
PBB7C-0324E-SN
3.3V
5A
24V
9A
14A
225W
PBB7C-0524E-SN
5V
5A
24V
9A
14A
225W
PBB7C-0530E-SN
5V
5A
30V
7.2A
11A
225W
PBB7C-0536E-SN
5V
5A
36V
6A
9.3A
225W
SELECTION TABLE
SPECIFICATIONS


Similar Part No. - PBB7C-0536R-SN

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB7A-B POWERBOX-PBB7A-B Datasheet
303Kb / 1P
   AC-DC PCB mounted 3 Watts
PBB7A-C POWERBOX-PBB7A-C Datasheet
307Kb / 1P
   AC-DC PCB mounted 5 Watts
PBB7A-D POWERBOX-PBB7A-D Datasheet
302Kb / 1P
   AC-DC PCB mounted 10 Watts
PBB7A-G POWERBOX-PBB7A-G Datasheet
303Kb / 1P
   AC-DC PCB mounted 25 Watts
More results

Similar Description - PBB7C-0536R-SN

ManufacturerPart #DatasheetDescription
logo
Powerbox
ACE POWERBOX-ACE Datasheet
405Kb / 5P
   3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
PBIC POWERBOX-PBIC Datasheet
966Kb / 4P
   1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com